Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X28C256DM Datasheet(PDF) 10 Page - Xicor Inc.

Part # X28C256DM
Description  5 Volt, Byte Alterable E2PROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X28C256DM Datasheet(HTML) 10 Page - Xicor Inc.

Back Button X28C256DM Datasheet HTML 6Page - Xicor Inc. X28C256DM Datasheet HTML 7Page - Xicor Inc. X28C256DM Datasheet HTML 8Page - Xicor Inc. X28C256DM Datasheet HTML 9Page - Xicor Inc. X28C256DM Datasheet HTML 10Page - Xicor Inc. X28C256DM Datasheet HTML 11Page - Xicor Inc. X28C256DM Datasheet HTML 12Page - Xicor Inc. X28C256DM Datasheet HTML 13Page - Xicor Inc. X28C256DM Datasheet HTML 14Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
X28C256
ABSOLUTE MAXIMUM RATINGS*
Temperature under Bias
X28C256 ...................................... –10
°C to +85°C
X28C256I, X28C256M ............... –65
°C to +135°C
Storage Temperature ....................... –65
°C to +150°C
Voltage on any Pin with
Respect to VSS ....................................... –1V to +7V
D.C. Output Current ............................................. 5mA
Lead Temperature
(Soldering, 10 seconds) .............................. 300
°C
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and the functional operation of
the device at these or any other conditions above those
indicated in the operational sections of this specification is
not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Temperature
Min.
Max.
Commercial
0
°C
+70
°C
Industrial
–40
°C
+85
°C
Military
–55
°C
+125
°C
3855 PGM T02.1
Supply Voltage
Limits
X28C256
5V
±10%
3855 PGM T03.1
Notes: (1) Typical values are for TA = 25°C and nominal supply voltage and are not tested
(2) ISB2 max. of 200µA available from Xicor. Contact local sales office and reference X28C256 C7125.
(3) VIL min. and VIH max. are for reference only and are not tested.
D.C. OPERATING CHARACTERISTICS (over recommended operating conditions, unless otherwise specified)
Limits
Symbol
Parameter
Min.
Typ.(1)
Max.
Units
Test Conditions
ICC
VCC Current (Active)
30
60
mA
CE = OE = VIL, WE = VIH,
(TTL Inputs)
All I/O’s = Open, Address
Inputs = .4V/2.4V @ f = 5MHz
ISB1
VCC Current (Standby)
1
2
mA
CE = VIH, OE = VIL
(TTL Inputs)
All I/O’s = Open, Other Inputs = VIH
ISB2(2)
VCC Current (Standby)
200
500
µA
CE = VCC – 0.3V, OE = VIL
(CMOS Inputs)
All I/O’s = Open,
Other Inputs = VCC – 0.3V
ILI
Input Leakage Current
10
µAVIN = VSS to VCC
ILO
Output Leakage Current
10
µAVOUT = VSS to VCC, CE = VIH
VlL(3)
Input LOW Voltage
–1
0.8
V
VIH(3)
Input HIGH Voltage
2
VCC + 1
V
VOL
Output LOW Voltage
0.4
V
IOL = 2.1mA
VOH
Output HIGH Voltage
2.4
V
IOH = –400µA
3855 PGM T04.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com