Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X28C256DM Datasheet(PDF) 18 Page - Xicor Inc.

Part # X28C256DM
Description  5 Volt, Byte Alterable E2PROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X28C256DM Datasheet(HTML) 18 Page - Xicor Inc.

Back Button X28C256DM Datasheet HTML 14Page - Xicor Inc. X28C256DM Datasheet HTML 15Page - Xicor Inc. X28C256DM Datasheet HTML 16Page - Xicor Inc. X28C256DM Datasheet HTML 17Page - Xicor Inc. X28C256DM Datasheet HTML 18Page - Xicor Inc. X28C256DM Datasheet HTML 19Page - Xicor Inc. X28C256DM Datasheet HTML 20Page - Xicor Inc. X28C256DM Datasheet HTML 21Page - Xicor Inc. X28C256DM Datasheet HTML 22Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
18
X28C256
PACKAGING INFORMATION
0.021 (0.53)
0.013 (0.33)
0.420 (10.67)
0.050 (1.27) TYP.
TYP. 0.017 (0.43)
0.045 (1.14) x 45
°
0.300 (7.62)
REF.
0.453 (11.51)
0.447 (11.35)
TYP. 0.450 (11.43)
0.495 (12.57)
0.485 (12.32)
TYP. 0.490 (12.45)
PIN 1
0.400
(10.16)
REF.
0.553 (14.05)
0.547 (13.89)
TYP. 0.550 (13.97)
0.595 (15.11)
0.585 (14.86)
TYP. 0.590 (14.99)
3
° TYP.
0.048 (1.22)
0.042 (1.07)
0.140 (3.56)
0.100 (2.45)
TYP. 0.136 (3.45)
0.095 (2.41)
0.060 (1.52)
—
0.015 (0.38)
SEATING PLANE
±0.004 LEAD
CO – PLANARITY
3926 FHD F13
32-LEAD PLASTIC LEADED CHIP CARRIER PACKAGE TYPE J
NOTES:
1. ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS)
2. DIMENSIONS WITH NO TOLERANCE FOR REFERENCE ONLY
0.510"
TYPICAL
0.050"
TYPICAL
0.050"
TYPICAL
0.300"
REF
FOOTPRINT
0.400"
0.410"
0.030" TYPICAL
32 PLACES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com