Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X28C256DM Datasheet(PDF) 14 Page - Xicor Inc.

Part # X28C256DM
Description  5 Volt, Byte Alterable E2PROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X28C256DM Datasheet(HTML) 14 Page - Xicor Inc.

Back Button X28C256DM Datasheet HTML 10Page - Xicor Inc. X28C256DM Datasheet HTML 11Page - Xicor Inc. X28C256DM Datasheet HTML 12Page - Xicor Inc. X28C256DM Datasheet HTML 13Page - Xicor Inc. X28C256DM Datasheet HTML 14Page - Xicor Inc. X28C256DM Datasheet HTML 15Page - Xicor Inc. X28C256DM Datasheet HTML 16Page - Xicor Inc. X28C256DM Datasheet HTML 17Page - Xicor Inc. X28C256DM Datasheet HTML 18Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
X28C256
CE Controlled Write Cycle
Notes: (10) Between successive byte writes within a page write operation,
OE can be strobed LOW: e.g. this can be done with CE and WE
HIGH to fetch data from another memory device within the system for the next write; or with
WE HIGH and CE LOW effectively
performing a polling operation.
(11) The timings shown above are unique to page write operations. Individual byte load operations within the page write must
conform to either the
CE or WE controlled write cycle timing.
3855 FHD F07
Page Write Cycle
3855 FHD F08
ADDRESS
tAS
tOEH
tWC
tAH
tOES
tCS
tDV
tDS
tDH
tCH
CE
WE
OE
DATA IN
DATA OUT
HIGH Z
DATA VALID
tCW
WE
OE
(10)
LAST BYTE
BYTE 0
BYTE 1
BYTE 2
BYTE n
BYTE n+1
BYTE n+2
tWP
tWPH
tBLC
tWC
CE
ADDRESS*
(11)
I/O
*For each successive write within the page write operation, A6–A14 should be the same or
writes to an unknown address could occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com