Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8219GSTR Datasheet(PDF) 4 Page - Silicon Standard Corp.

Part # SS8219GSTR
Description  Ultra320 Multi-mode LVD/SE SCSI Terminator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8219GSTR Datasheet(HTML) 4 Page - Silicon Standard Corp.

  SS8219GSTR Datasheet HTML 1Page - Silicon Standard Corp. SS8219GSTR Datasheet HTML 2Page - Silicon Standard Corp. SS8219GSTR Datasheet HTML 3Page - Silicon Standard Corp. SS8219GSTR Datasheet HTML 4Page - Silicon Standard Corp. SS8219GSTR Datasheet HTML 5Page - Silicon Standard Corp. SS8219GSTR Datasheet HTML 6Page - Silicon Standard Corp. SS8219GSTR Datasheet HTML 7Page - Silicon Standard Corp. SS8219GSTR Datasheet HTML 8Page - Silicon Standard Corp. SS8219GSTR Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.SiliconStandard.com
4 of 10
12/06/2005 Rev.3.01
SS8219G
SCSI BUS CONFIGURATION (Figure 2)
TPWR
M/S
DISCNCT
DIFFSENSE
CONTROL LINES (9)
DIFFSENS
TPWR
TERMPWR
20K
VREF
DIFFB
0.1µF
DIFFSENSE
DIFFB
VREF
TERMPWR
TPWR
M/S
DISCNCT
DIFFB
VREF
TPWR
DIFFB
VREF
TPWR
DATA LINES (9)
VREF
DIFFB
TPWR
VREF
DIFFB
DATA LINES (9)
2.2µF
2.2µF
2.2µF
2.2µF
2.2µF
2.2µF
M/S
DISCNCT
M/S
DISCNCT
M/S
DISCNCT
M/S
DISCNCT
4.7µF
4.7µF
4.7µF
4.7µF
4.7µF
4.7µF
0.1µF
20K
TPWR
M/S
DISCNCT
DIFFSENSE
CONTROL LINES (9)
DIFFSENS
TPWR
TERMPWR
20K
VREF
DIFFB
0.1µF
DIFFSENSE
DIFFB
VREF
TERMPWR
TPWR
M/S
DISCNCT
DIFFB
VREF
TPWR
DIFFB
VREF
TPWR
DATA LINES (9)
VREF
DIFFB
TPWR
VREF
DIFFB
DATA LINES (9)
2.2µF
2.2µF
2.2µF
2.2µF
2.2µF
2.2µF
M/S
DISCNCT
M/S
DISCNCT
M/S
DISCNCT
M/S
DISCNCT
4.7µF
4.7µF
4.7µF
4.7µF
4.7µF
4.7µF
0.1µF
20K
SS8219G
SS8219G
SS8219G
SS8219G
TPWR
M/S
DISCNCT
DIFFSENSE
CONTROL LINES (9)
DIFFSENS
TPWR
TERMPWR
20K
VREF
DIFFB
0.1µF
DIFFSENSE
DIFFB
VREF
TERMPWR
TPWR
M/S
DISCNCT
DIFFB
VREF
TPWR
DIFFB
VREF
TPWR
DATA LINES (9)
VREF
DIFFB
TPWR
VREF
DIFFB
DATA LINES (9)
SS8219G
SS8219G
2.2µF
2.2µF
2.2µF
2.2µF
2.2µF
2.2µF
M/S
DISCNCT
M/S
DISCNCT
M/S
DISCNCT
M/S
DISCNCT
4.7µF
4.7µF
4.7µF
4.7µF
4.7µF
4.7µF
0.1µF
20K



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com