Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8219GSTR Datasheet(PDF) 5 Page - Silicon Standard Corp.

Part # SS8219GSTR
Description  Ultra320 Multi-mode LVD/SE SCSI Terminator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8219GSTR Datasheet(HTML) 5 Page - Silicon Standard Corp.

  SS8219GSTR Datasheet HTML 1Page - Silicon Standard Corp. SS8219GSTR Datasheet HTML 2Page - Silicon Standard Corp. SS8219GSTR Datasheet HTML 3Page - Silicon Standard Corp. SS8219GSTR Datasheet HTML 4Page - Silicon Standard Corp. SS8219GSTR Datasheet HTML 5Page - Silicon Standard Corp. SS8219GSTR Datasheet HTML 6Page - Silicon Standard Corp. SS8219GSTR Datasheet HTML 7Page - Silicon Standard Corp. SS8219GSTR Datasheet HTML 8Page - Silicon Standard Corp. SS8219GSTR Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
www.SiliconStandard.com
5 of 10
12/10/2005 Rev.3.01
SS8219G
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Vtpwr(SE)
4.0
5
5.5
Termpower Voltage
Vtpwr(LVD)
2.9
5
5.5
V
Logic 0
Vil
-0.3
+0.8
V
Logic 1
Vih
2.0
Vtpwr+0.3
V
Operating Temperature
Tamb
0
70
°C
ELECTRICAL CHARACTERISTICS (from TA = 0°C to 70°C, unless otherwise spedified)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
LVD Terminator Section
Differential Mode Termination Resistance
Rdm
100
105
110
Ω
Common Mode Termination Resistance
Rcm
110
150
190
Ω
Differential Mode Bias
Vdm
All lines Open
100
112
125
mV
Common Mode Bias
Vcm
1.125
1.25
1.375
V
Single Ended Terminator Section
Output Capacitance
Cout
Note
3
pF
SE Termination Resistance
Rse
Vline = 0-3.0 volts
104.5
110
115.5
Ω
SE Voltage Reference
Vref
2.79
2.85
2.93
Volts
SE output Current
Iose
Vline = 0.2 volts
25.4
mA
Regulator Section
Line Regulation
LIREG
1.0
2.5
%
Load Regulation
LOREG
1.3
3.5
%
Current Limit
ILIM
350
mA
Sink Current
ISINK
200
mA
DC Section
SE mode (No Load)
4
Termpower Current
Itpmr
LVD mode (No Load)
20
mA
Input Leakage High
Iih
-1.0
µA
Input Leakage Low
Iil
1.0
µA
Output Current High
Ioh
Vout = 2.4 volts; SE/LVD/HVD Pins only
-1.0
mA
Output Current Low
Iol
Vout=0.4 volts; SE/LVD/HVD Pins only
4.0
mA
DIFFSENS Section
DIFFSENS SE Operating Range
Vseor
-0.3
0.5
V
DIFFSENS LVD Operating Range
Vlvdor
0.7
1.9
V
DIFFSENS HVD Operating Range
Vhvdor
2.4
Vtpwr+0.3
V
DIFFSENSE Driver Output Voltage
Vdso
M/S=1; Ids = 0-5mA
1.2
1.4
V
DIFFSENSE Driver Source Current
Idsh
M/S = 1; Vdso=0V
5
15
mA
DIFFSENSE Driver Sink Current
Idsl
M/S=1; Vdso=2.75V
20
200
µA
Note: guaranteed by Design.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com