Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8219GSTR Datasheet(PDF) 9 Page - Silicon Standard Corp.

Part # SS8219GSTR
Description  Ultra320 Multi-mode LVD/SE SCSI Terminator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8219GSTR Datasheet(HTML) 9 Page - Silicon Standard Corp.

Back Button SS8219GSTR Datasheet HTML 2Page - Silicon Standard Corp. SS8219GSTR Datasheet HTML 3Page - Silicon Standard Corp. SS8219GSTR Datasheet HTML 4Page - Silicon Standard Corp. SS8219GSTR Datasheet HTML 5Page - Silicon Standard Corp. SS8219GSTR Datasheet HTML 6Page - Silicon Standard Corp. SS8219GSTR Datasheet HTML 7Page - Silicon Standard Corp. SS8219GSTR Datasheet HTML 8Page - Silicon Standard Corp. SS8219GSTR Datasheet HTML 9Page - Silicon Standard Corp. SS8219GSTR Datasheet HTML 10Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
www.SiliconStandard.com
9 of 10
Rev.2.02 12/06/2003
SS8219G
PHYSICAL DIMENSIONS (36pin SSOP - order package option S)
DIMENSION IN MM
DIMENSION IN INCH
SYMBOL
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.413
2.591
2.794
0.095
0.102
0.110
A1
0.203
0.305
0.406
0.008
0.012
0.016
b
0.300
0.450
0.012
0.018
c
0.127
0.254
0.005
0.010
D
15.748
15.875
16.002
0.620
0.625
0.630
e
0.800 BASIC
0.032 BASIC
E
10.033
10.668
0.395
0.420
E1
7.391
7.493
7.595
0.291
0.295
0.289
h
0.381
0.635
0.015
0.025
L
0.508
1.016
0.020
0.040
Θ
0º
8º
0º
8º
Taping Specification
h x 45°
C
L
Θ
E1 E
SEATING PLANE
0.004 C
D
b
e
A
A1
Feed Direction
Typical SSOP, TSSOP Package Orientation
Feed Direction
Typical SSOP, TSSOP Package Orientation



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com