Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X84161PI Datasheet(PDF) 9 Page - Xicor Inc.

Part # X84161PI
Description  uPort Saver EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X84161PI Datasheet(HTML) 9 Page - Xicor Inc.

Back Button X84161PI Datasheet HTML 5Page - Xicor Inc. X84161PI Datasheet HTML 6Page - Xicor Inc. X84161PI Datasheet HTML 7Page - Xicor Inc. X84161PI Datasheet HTML 8Page - Xicor Inc. X84161PI Datasheet HTML 9Page - Xicor Inc. X84161PI Datasheet HTML 10Page - Xicor Inc. X84161PI Datasheet HTML 11Page - Xicor Inc. X84161PI Datasheet HTML 12Page - Xicor Inc. X84161PI Datasheet HTML 13Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
X84161/641/129
9
A.C. CHARACTERISTICS
(Over the recommended operating conditions, unless otherwise specified.)
Read Cycle Limits – X84161/641/129†
Notes: (4) Periodically sampled, but not 100% tested. tHZ and tOHZ are measured from the point where CE or OE goes HIGH (whichever occurs
first) to the time when I/O is no longer being driven into a 5pF load.
†Contact factory for 10MHz X84129 availabilityRead Cycle
Symbol
Parameter
VCC = 5V±10%
VCC = 2.5V – 5.5V VCC = 1.8V – 3.6V
Units
Min.
Max
Min.
Max.
Min.
Max.
tRC
Read Cycle Time
100
200
330
ns
tCE
CE Access Time
25
50
70
ns
tOE
OE Access Time
25
50
70
ns
tOEL
OE Pulse Width
50
60
90
ns
tOEH
OE High Recovery Time
50
60
90
ns
tLOW
CE LOW Time
50
70
90
ns
tHIGH
CE HIGH Time
50
120
180
ns
tLZ
(4)
CE LOW to Output In Low Z
0
0
0
ns
tHZ
(4)
CE HIGH to Output In High Z
0
25
0
30
0
35
ns
tOLZ
(4)
OE LOW to Output In Low Z
0
0
0
ns
tOHZ
(4)
OE HIGH to Output In High Z
0
25
0
30
0
35
ns
tOH
Output Hold from CE or OE HIGH
0
0
0
ns
tWES
WE HIGH Setup Time
25
25
25
ns
tWEH
WE HIGH Hold Time
25
25
25
ns
CE
WE
tWES
OE
7008 FRM F08
tHIGH
tCE
tOE
t OLZ
tOH
tWEH
HIGH Z
DATA
t OHZ
t HZ
t LZ
tLOW
tRC
I/O
OEL
t
tOEH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com