Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X84161PI Datasheet(PDF) 1 Page - Xicor Inc.

Part # X84161PI
Description  uPort Saver EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X84161PI Datasheet(HTML) 1 Page - Xicor Inc.

  X84161PI Datasheet HTML 1Page - Xicor Inc. X84161PI Datasheet HTML 2Page - Xicor Inc. X84161PI Datasheet HTML 3Page - Xicor Inc. X84161PI Datasheet HTML 4Page - Xicor Inc. X84161PI Datasheet HTML 5Page - Xicor Inc. X84161PI Datasheet HTML 6Page - Xicor Inc. X84161PI Datasheet HTML 7Page - Xicor Inc. X84161PI Datasheet HTML 8Page - Xicor Inc. X84161PI Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
©Xicor, Inc. 1994, 1997Patents Pending
7008-1.2 8/26/97 T2/C0/D0 SH
1
Characteristics subject to change without notice
APPLICATION NOTE
A V A I L A B L E
16K/64K/128K
MPS™ EEPROM
µPort Saver EEPROM
FEATURES
• Up to 10MHz data transfer rate
• 25ns Read Access Time
• Direct Interface to Microprocessors and
Microcontrollers
—Eliminates I/O port requirements
—No interface glue logic required
—Eliminates need for parallel to serial converters
• Low Power CMOS
—1.8V–3.6V, 2.5V–5.5V and 5V
±10% Versions
—Standby Current Less than 1
µA
—Active Current Less than 1mA
• Byte or Page Write Capable
—32-Byte Page Write Mode
• Typical Nonvolatile Write Cycle Time: 2ms
• High Reliability
—100,000 Endurance Cycles
—Guaranteed Data Retention: 100 Years
DESCRIPTION
The
µPort Saver memories need no serial ports or spe-
cial hardware and connect to the processor memory bus.
Replacing bytewide data memory, the
µPort Saver uses
bytewide memory control functions, takes a fraction of
the board space and consumes much less power.
Replacing serial memories, the
µPort Saver provides all
the serial benefits, such as low cost, low power, low volt-
age, and small package size while releasing I/Os for
more important uses.
The
µPort Saver memory outputs data within 25ns of an
active read signal. This is less than the read access time
of most hosts and provides “no-wait-state” operation.
This prevents bottlenecks on the bus. With rates to 10
MHz, the
µPort Saver supplies data faster than required
by most host read cycle specifications. This eliminates
the need for software NOPs.
The
µPort Saver memories communicate over one line of
the data bus using a sequence of standard bus read and
write operations. This “bit serial” interface allows the
µPort Saver to work well in 8-bit, 16 bit, 32-bit, and 64-bit
systems.
A Write Protect (WP) pin prevents inadvertent writes to
the memory.
Xicor EEPROMs are designed and tested for applica-
tions requiring extended endurance. Inherent data reten-
tion is greater than 100 years.
BLOCK DIAGRAM
CE
I/O
H.V. GENERATION
TIMING & CONTROL
EEPROM
COMMAND
DECODE
AND
CONTROL
LOGIC
X
DEC
Y DECODE
DATA REGISTER
WP
7008 FRM F02.1
OE
WE
ARRAY
16K x 8
P0/CS
P1/CLK
P2/DI
P3/DO
System Connection
Internal Block Diagram
µP
µC
Ports
8K x 8
2K x 8
Saved
DSP
ASIC
A15
A0
D7
D0
OE
WE
MPS
RISC
X84161/641/129
AN95 • AN103 • AN107


Similar Part No. - X84161PI

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X84161 ICMIC-X84161 Datasheet
147Kb / 18P
關Port Saver EEPROM
X84161-1.8 ICMIC-X84161-1.8 Datasheet
147Kb / 18P
關Port Saver EEPROM
X84161-2.5 ICMIC-X84161-2.5 Datasheet
147Kb / 18P
關Port Saver EEPROM
X84161G ICMIC-X84161G Datasheet
147Kb / 18P
關Port Saver EEPROM
X84161G-1.8 ICMIC-X84161G-1.8 Datasheet
147Kb / 18P
關Port Saver EEPROM
More results

Similar Description - X84161PI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GSCC-7007BS STMICROELECTRONICS-GSCC-7007BS Datasheet
41Kb / 3P
BATTERY SAVER
GSCC-7.007BS-E
logo
Xicor Inc.
X84256 XICOR-X84256 Datasheet
68Kb / 15P
UPort Saver EEPROM
logo
IC MICROSYSTEMS
X84160 ICMIC-X84160 Datasheet
563Kb / 22P
Advanced MPS??Micro Port Saver EEPROM with Block Lock??Protection
X84161 ICMIC-X84161 Datasheet
147Kb / 18P
關Port Saver EEPROM
logo
Glenair, Inc.
942-021NF25-20 GLENAIR-942-021NF25-20 Datasheet
398Kb / 2P
Connector Saver
942-003 GLENAIR-942-003 Datasheet
189Kb / 2P
Connector Saver
942-005 GLENAIR-942-005 Datasheet
227Kb / 2P
Connector Saver
942-021 GLENAIR-942-021 Datasheet
225Kb / 2P
Connector Saver
logo
Mallory performance clu...
PN8984 MALLORY-PN8984 Datasheet
240Kb / 2P
Starter Saver
logo
Renesas Technology Corp
SLG4B41337V RENESAS-SLG4B41337V Datasheet
791Kb / 13P
Battery Saver
February 25, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com