Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X84161PI Datasheet(PDF) 7 Page - Xicor Inc.

Part # X84161PI
Description  uPort Saver EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X84161PI Datasheet(HTML) 7 Page - Xicor Inc.

Back Button X84161PI Datasheet HTML 3Page - Xicor Inc. X84161PI Datasheet HTML 4Page - Xicor Inc. X84161PI Datasheet HTML 5Page - Xicor Inc. X84161PI Datasheet HTML 6Page - Xicor Inc. X84161PI Datasheet HTML 7Page - Xicor Inc. X84161PI Datasheet HTML 8Page - Xicor Inc. X84161PI Datasheet HTML 9Page - Xicor Inc. X84161PI Datasheet HTML 10Page - Xicor Inc. X84161PI Datasheet HTML 11Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
X84161/641/129
7
D.C. OPERATING CHARACTERISTICS (VCC = 2.5V to 5.5V)
(Over the recommended operating conditions, unless otherwise specified.)
7008 FRM T05.1
D.C. OPERATING CHARACTERISTICS (VCC = 1.8V to 3.6V)
(Over the recommended operating conditions, unless otherwise specified.)
7008 FRM T05.1
Notes: (1) VIL Min. and VIH Max. are for reference only and are not tested.
Symbol
Parameter
Limits
Units
Test Conditions
Min.
Max.
ICC1
VCC Supply Current (Read)
500
µA
OE = VIL, WE = VIH,
I/O = Open, CE clocking @ 5MHz
ICC2
VCC Supply Current (Write)
2
mA
ICC During Nonvolatile Write Cycle
All Inputs at CMOS Levels
ISB1
VCC Standby Current
1
µA
CE = VCC, Other Inputs = VCC or VSS
ILI
Input Leakage Current
10
µA
VIN = VSS to VCC
ILO
Output Leakage Current
10
µA
VOUT = VSS to VCC
VlL
(1)
Input LOW Voltage
–0.5
VCC x 0.3
V
VIH
(1)
Input HIGH Voltage
VCC x 0.7
VCC + 0.5
V
VOL
Output LOW Voltage
0.4
V
IOL = 1mA, VCC = 3V
VOH
Output HIGH Voltage
VCC – 0.4
V
IOH = –400µA, VCC = 3V
Symbol
Parameter
Limits
Units
Test Conditions
Min.
Max.
ICC1
VCC Supply Current (Read)
300
µA
OE = VIL, WE = VIH,
I/O = Open, CE clocking @ 3MHz
ICC2
VCC Supply Current (Write)
1
mA
ICC During Nonvolatile Write Cycle
All Inputs at CMOS Levels
ISB1
VCC Standby Current
1
µA
CE = VCC, Other Inputs = VCC or VSS
ILI
Input Leakage Current
10
µA
VIN = VSS to VCC
ILO
Output Leakage Current
10
µA
VOUT = VSS to VCC
VlL
(1)
Input LOW Voltage
–0.5
VCC x 0.3
V
VIH
(1)
Input HIGH Voltage
VCC x 0.7
VCC + 0.5
V
VOL
Output LOW Voltage
0.4
V
IOL = 0.5mA, VCC = 2V
VOH
Output HIGH Voltage
VCC – 0.2
V
IOH = –250µA, VCC = 2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com