Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X88C75PI Datasheet(PDF) 13 Page - Xicor Inc.

Part # X88C75PI
Description  Port Expander and E2 Memory
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X88C75PI Datasheet(HTML) 13 Page - Xicor Inc.

Back Button X88C75PI Datasheet HTML 9Page - Xicor Inc. X88C75PI Datasheet HTML 10Page - Xicor Inc. X88C75PI Datasheet HTML 11Page - Xicor Inc. X88C75PI Datasheet HTML 12Page - Xicor Inc. X88C75PI Datasheet HTML 13Page - Xicor Inc. X88C75PI Datasheet HTML 14Page - Xicor Inc. X88C75PI Datasheet HTML 15Page - Xicor Inc. X88C75PI Datasheet HTML 16Page - Xicor Inc. X88C75PI Datasheet HTML 17Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
X88C75 SLIC® E2
13
reload value for 9600 baud rate and write it into the
X88C75 location 00E8H. The XSLIC software, a PC
based communication driver, automates changing of
the default parameters when using its SETUP option
menu. The boot-firmware (SLIC) residing on the X88C75
contains a lookup table which can be accessed from the
subroutine (EXEC_SUB), located at location 0126H.
Two bytes are used per table entry. The EXEC_SUB
input requirements are as follows:
R0 = Contains a Function Number from the following
Function Table.
The table entry at location (014E-014FH) is reserved for
user’s application code. This function will be executed
on power-up if the SLIC receives any characters other
than those for the RESET (ASCII ‘R’), or ID (ASCII ‘X’)
commands. The table entry can be changed to point to
other code responsible for power-up initialization. This is
preferred method than changing the reset vector, since
the SLIC code can still be invoked upon power-up.
Other functions available through the EXEC_SUB calls
is as follows:
the interrupt is enabled, an external interrupt will be
asserted at the completion of the internal write cycle.
The interrupt is cleared by setting EOW to “0”.
USING A PORT IN BIDIRECTIONAL MODE
In order to use a port in bidirectional mode, it has to be
configured as an open drain output port. Small pull-up
resistors are required on all port output pins. Bit posi-
tions in the Port Data Register corresponding to port
inputs should contain “1”. The inputs are then read by
accessing PPR. Data is not latched into the device, so
the inputs must stay valid throughout the read cycle. The
port strobe pin is configured as an output and cannot be
used as port latch clock input.
The current version of the SLIC E2 configures the 80C51
serial port to the variable baud rate mode. It sets a timer
1 reload value for a system clock rate of 11.059MHz. For
other clock rates end user must recalculate timer 1
SLIC FUNCTIONS (80C51 Specific SLIC)
The resident SLIC E2 has designated memory spaces
allocated for its use. The user’s application code should
avoid using these areas as part of its code segment,
otherwise it will overwrite the SLIC E2. Version 3.0 of the
X88C75 SLIC E2 occupies 256 bytes in the upper
memory bank, starting at address 1F00H, and 288 bytes
in the lower bank’s address range 30H-14FH. Prior to
downloading code, assemble and link the source files
using the above address information. Use memory
space taken up by the SLIC E2 as a run-time data
storage, if there is no further need to modify the X88C75
SLIC E2 content.
FUNCTION NO.
DESCRIPTION
0 - PROC_PROG
Download and program a
page
1 - PROC_BPR
Program BPR
2 - RESET
Start execution from
location 0000H
3 - PROC_VER
Download and verify a page
4 - DUMMY
Command not recognized
5 - INIT_UART
Initialize UART parameters
to default
6 - PROG_PG
Program a page
7 - SEND_CHAR
Send a character to the
UART
8 - GET_CHAR
Read a character from the
RAM receive buffer (40H-5FH)
9 - SDP_HI_PLANE
Generate SDP off sequence
for upper plane
10- SDP_LO_PLANE Generate SDP off sequence
for lower plane
11- USER_CODE
Execute user’s code
2887 PGM T03.1
For detailed information about the listed functions, in-
cluding their input requirements, refer to the SLIC soft-
ware specification document.
SLIC
0000H
0030H
0150H
01F00H
SLIC
User’s Program/Data
2887 ILL F17
ISR & Reset Vectors
Figure 13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com