Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X88C75PI Datasheet(PDF) 21 Page - Xicor Inc.

Part # X88C75PI
Description  Port Expander and E2 Memory
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X88C75PI Datasheet(HTML) 21 Page - Xicor Inc.

Back Button X88C75PI Datasheet HTML 17Page - Xicor Inc. X88C75PI Datasheet HTML 18Page - Xicor Inc. X88C75PI Datasheet HTML 19Page - Xicor Inc. X88C75PI Datasheet HTML 20Page - Xicor Inc. X88C75PI Datasheet HTML 21Page - Xicor Inc. X88C75PI Datasheet HTML 22Page - Xicor Inc. X88C75PI Datasheet HTML 23Page - Xicor Inc. X88C75PI Datasheet HTML 24Page - Xicor Inc. X88C75PI Datasheet HTML 25Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
X88C75 SLIC® E2
21
Port Write Diagram
PORT WRITE TIMING
No.
Symbol
Parameter
Min.
Max.
Units
1tLHLL
ALE Pulse Width
80
ns
2tWCS
Write Chip Select Setup Time
20
ns
3tLLWL
ALE to
WR
10
ns
4tWLWH
WR Pulse Width
120
ns
5tAVLL
Write Address Setup Time
20
ns
6tLLAX
Write Address Hold Time
30
ns
7tDVWH
Data Setup Time
50
ns
8tWHDX
Data Hold Time
10
ns
9tSVSX
Strobe Pulse Width
120
ns
10
tQVSV
Strobe Access Time
40
ns
11
tPOS
Port Output Setup Time
40
ns
2887 PGM T14.1
A15–A8
CE
ALE
WR
AD7–AD0
STRA/STRB* (OUT)
PA7:0 / PB7:0
2887 ILL F27.1
5
1
2
6
3
4
5
6
11
9
7
8
10
ADDRESS
A0-A15
ADDRESS
A7-A0
DATA VALID
VALID NEW DATA
PREVIOUS DATA
NOTE: *Figure shows active HIGH strobes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com