Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X88C75PI Datasheet(PDF) 17 Page - Xicor Inc.

Part # X88C75PI
Description  Port Expander and E2 Memory
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X88C75PI Datasheet(HTML) 17 Page - Xicor Inc.

Back Button X88C75PI Datasheet HTML 13Page - Xicor Inc. X88C75PI Datasheet HTML 14Page - Xicor Inc. X88C75PI Datasheet HTML 15Page - Xicor Inc. X88C75PI Datasheet HTML 16Page - Xicor Inc. X88C75PI Datasheet HTML 17Page - Xicor Inc. X88C75PI Datasheet HTML 18Page - Xicor Inc. X88C75PI Datasheet HTML 19Page - Xicor Inc. X88C75PI Datasheet HTML 20Page - Xicor Inc. X88C75PI Datasheet HTML 21Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
X88C75 SLIC® E2
17
Note: (5)
This parameter is periodically sampled and not 100% tested.
PSEN Controlled Read Timing Diagram
PSEN Controlled Read Cycle
Symbol
Parameter
Min.
Max.
Units
tLHLL
ALE Pulse Width
80
ns
tAVLL
Address Setup Time
20
ns
tLLAX
Address Hold Time
30
ns
tPLDV
PSEN Read Access Time
120
ns
tPHDX
Data Hold Time
0
ns
tELLL
Chip Enable Setup Time
7
ns
PWPL
PSEN Pulse Width
150
ns
tPS
PSEN Setup Time
30
ns
tPH
PSEN Hold Time
20
ns
tPHDZ (5)
PSEN Disable to Output in High Z
50
ns
tPLDX (5)
PSEN to Output in Low Z
10
ns
2887 PGM T10
EQUIVALENT A.C. TEST CIRCUIT
A.C. CONDITIONS OF TEST
Input Pulse Levels
0V to 3V
Input Rise and Fall Times
10ns
Input and Output Timing Levels
1.5V
2887 PGM T09.1
A.C. CHARACTERISTICS (Over the recommended operating conditions unless otherwise specified.)
ALE
A/D0–A/D7
A8–A12
PSEN
AIN
tPLDV
DOUT
2887 ILL F23
tPH
tPH
tLHLL
tAVLL
tLLAX
tPS
PWPL
ADDRESS
CE
tPLDX
tPHDZ
tPHDX
tELLL
2887 ILL F22.2
5V
1.92K
Ω
100pF
OUTPUT
1.37K
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com