Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9313ZP Datasheet(PDF) 1 Page - Xicor Inc.

Part # X9313ZP
Description  E2POT??Nonvolatile Digital Potentiometer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9313ZP Datasheet(HTML) 1 Page - Xicor Inc.

  X9313ZP Datasheet HTML 1Page - Xicor Inc. X9313ZP Datasheet HTML 2Page - Xicor Inc. X9313ZP Datasheet HTML 3Page - Xicor Inc. X9313ZP Datasheet HTML 4Page - Xicor Inc. X9313ZP Datasheet HTML 5Page - Xicor Inc. X9313ZP Datasheet HTML 6Page - Xicor Inc. X9313ZP Datasheet HTML 7Page - Xicor Inc. X9313ZP Datasheet HTML 8Page - Xicor Inc. X9313ZP Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
X9313
1
©Xicor, Inc. 1994, 1995, 1996 Patents Pending
Characteristics subject to change without notice
3866-1.5 6/12/96 T5/C1/D8 NS
E2POT™ is a trademark of Xicor, Inc.
DESCRIPTION
The Xicor X9313 is a solid state nonvolatile potentiom-
eter and is ideal for digitally controlled resistance
trimming.
The X9313 is a resistor array composed of 31 resistive
elements. Between each element and at either end are
tap points accessible to the wiper element. The position of
the wiper element is controlled by the
CS, U/D, and INC
inputs. The position of the wiper can be stored in nonvola-
tile memory and then be recalled upon a subsequent
power-up operation.
The resolution of the X9313 is equal to the maximum
resistance value divided by 31. As an example, for the
X9313W (10K
Ω) each tap point represents 323Ω.
All Xicor nonvolatile memories are designed and tested
for applications requiring extended endurance and data
retention.
FEATURES
• Low Power CMOS
—VCC = 3V to 5.5V
—Active Current, 3mA Max
—Standby Current, 500
µA Max
• 31 Resistive Elements
—Temperature Compensated
—
±20% End to End Resistance Range
— –5V to +5V Range
• 32 Wiper Tap Points
—Wiper Positioned via Three-Wire Interface
—Similar to TTL Up/Down Counter
—Wiper Position Stored in Nonvolatile
Memory and Recalled on Power-Up
• 100 Year Wiper Position Data Retention
• X9313Z = 1K
Ω
• X9313W = 10K
Ω
• Packages
—8-Lead MSOP
—8-Lead PDIP
—8-Lead SOIC
FUNCTIONAL DIAGRAM
3866 FHD F01
E2POT™ Nonvolatile Digital Potentiometer
X9313
5-BIT
UP/DOWN
COUNTER
5-BIT
NONVOLATILE
MEMORY
STORE AND
RECALL
CONTROL
CIRCUITRY
ONE
OF
THIRTY-
TWO
DECODER
RESISTOR
ARRAY
31
30
29
28
2
1
0
VL
VW
VH
U/D
INC
CS
VCC
GND
TRANSFER
GATES
Terminal Voltage
±5V, 32 Taps
APPLICATION NOTES
A V AILABLE
AN42 • AN44–48 • AN50 • AN52 • AN53 • AN71 • AN73


Similar Part No. - X9313ZP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9313ZP INTERSIL-X9313ZP Datasheet
276Kb / 11P
Terminal Voltages -5V, 32 Taps
September 9, 2005
X9313ZP INTERSIL-X9313ZP Datasheet
277Kb / 12P
Digitally Controlled Potentiometer
April 18, 2007
X9313ZP INTERSIL-X9313ZP Datasheet
284Kb / 12P
Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 VCC
January 15, 2008
X9313ZP-3 INTERSIL-X9313ZP-3 Datasheet
277Kb / 12P
Digitally Controlled Potentiometer
April 18, 2007
X9313ZP-3 INTERSIL-X9313ZP-3 Datasheet
284Kb / 12P
Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 VCC
January 15, 2008
More results

Similar Description - X9313ZP

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9221 XICOR-X9221 Datasheet
65Kb / 14P
Dual E2POT??Nonvolatile Digital Potentiometer
X9241 XICOR-X9241 Datasheet
76Kb / 16P
Quad E2POT??Nonvolatile Digital Potentiometer
X9312 XICOR-X9312 Datasheet
50Kb / 9P
E2POT??Nonvolatile Digital Potentiometer
X9314 XICOR-X9314 Datasheet
53Kb / 10P
E2POT??Nonvolatile Digital Potentiometer
X9316 XICOR-X9316 Datasheet
68Kb / 12P
E 2 POT??Nonvolatile Digital Potentiometer
X9C102 XICOR-X9C102 Datasheet
83Kb / 15P
E2POT??Nonvolatile Digital Potentiometer
logo
Dallas Semiconductor
DS4301 DALLAS-DS4301 Datasheet
150Kb / 7P
Nonvolatile, 32-Position Digital Potentiometer
logo
Maxim Integrated Produc...
DS3903 MAXIM-DS3903 Datasheet
619Kb / 11P
Triple 128-Position Nonvolatile Digital Potentiometer
Rev 0; 6/02
logo
Analog Devices
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
logo
Maxim Integrated Produc...
DS4301 MAXIM-DS4301 Datasheet
155Kb / 7P
Nonvolatile, 32-Position Digital Potentiometer
Rev 0; 8/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com