Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM4532M Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SSM4532M
Description  COMPLEMENTARY N AND P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM4532M Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SSM4532M Datasheet HTML 1Page - Silicon Standard Corp. SSM4532M Datasheet HTML 2Page - Silicon Standard Corp. SSM4532M Datasheet HTML 3Page - Silicon Standard Corp. SSM4532M Datasheet HTML 4Page - Silicon Standard Corp. SSM4532M Datasheet HTML 5Page - Silicon Standard Corp. SSM4532M Datasheet HTML 6Page - Silicon Standard Corp. SSM4532M Datasheet HTML 7Page - Silicon Standard Corp. SSM4532M Datasheet HTML 8Page - Silicon Standard Corp. SSM4532M Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
www.SiliconStandard.com
3 of 11
SSM4532M
P-channel Electrical Characteristics @ Tj=25
oC (unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=250uA
-30
-
-
V
∆BV
DSS/
∆Tj
Breakdown Voltage Temperature Coefficient
Reference to 25°C, ID=-1mA
-
-0.028
-
V/°C
RDS(ON)
Static Drain-Source On-Resistance
VGS=-10V, ID=-4A
-
-
70
m
Ω
VGS=-4.5V, ID=-3A
-
-
90
m
Ω
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=-250uA
-1
-
-3
V
gfs
Forward Transconductance
VDS=-10V, ID=-4A
-
5
-
S
IDSS
Drain-Source Leakage Current (Tj=25
oC)
VDS=-30V, VGS=0V
-
-
-1
uA
Drain-Source Leakage Current (Tj=55
oC)
VDS=-24V, VGS=0V
-
-
-25
uA
IGSS
Gate-Source Leakage
VGS=-
-
nA
Qg
Total Gate Charge
2
ID=-4A
-
18.3
36
nC
Qgs
Gate-Source Charge
VDS=-10V
-
3.6
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=-10V
-
1.5
-
nC
td(on)
Turn-on Delay Time
2
VDS=-10V
-
8
16
ns
tr
Rise Time
ID=-1A
-
9
18
ns
td(off)
Turn-off Delay Time
RG=6Ω,VGS=-10V
-
21
40
ns
tf
Fall Time
RD=10Ω
-10
20
ns
Ciss
Input Capacitance
VGS=0V
-
760
1140
pF
Coss
Output Capacitance
VDS=-25V
-
345
518
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
90
135
pF
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Units
IS
Continuous Source Current ( Body Diode )
VD=VG=0V , VS=-1.2V
-
-
-1.7
A
ISM
Pulsed Source Current ( Body Diode )
1
-
-
-20
A
VSD
Forward On Voltage
2
Tj=25°C, IS=-1.7A, VGS=0V
-
-
-1.2
V
Notes:
1.Pulse width limited by max. junction temperature.
2.Pulse width <300us , duty cycle <2%.
3.Surface mounted on FR4 board, t<10sec.
4.Pulse width <10us , duty cycle <1%.
± 20V
±100
Rev.2.01 7/01/2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com