Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM4532M Datasheet(PDF) 10 Page - Silicon Standard Corp.

Part # SSM4532M
Description  COMPLEMENTARY N AND P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM4532M Datasheet(HTML) 10 Page - Silicon Standard Corp.

Back Button SSM4532M Datasheet HTML 3Page - Silicon Standard Corp. SSM4532M Datasheet HTML 4Page - Silicon Standard Corp. SSM4532M Datasheet HTML 5Page - Silicon Standard Corp. SSM4532M Datasheet HTML 6Page - Silicon Standard Corp. SSM4532M Datasheet HTML 7Page - Silicon Standard Corp. SSM4532M Datasheet HTML 8Page - Silicon Standard Corp. SSM4532M Datasheet HTML 9Page - Silicon Standard Corp. SSM4532M Datasheet HTML 10Page - Silicon Standard Corp. SSM4532M Datasheet HTML 11Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
www.SiliconStandard.com
10 of 11
SSM4532M
P-channel
Fig 9. Gate Charge Characteristics
Fig 10. Typical Capacitance Characteristics
Fig 11. Forward Characteristic of
Fig 12. Gate Threshold Voltage vs.
Reverse Diode
Junction Temperature
0.01
0.10
1.00
10.00
100.00
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
-V SD (V)
T j =25
o C
T j =150
o C
10
100
1000
10000
1
5
9
131721
2529
-V DS (V)
f=1.0MHz
Ciss
Coss
Crss
0
0.5
1
1.5
2
2.5
3
-50
0
50
100
150
T j ,Junction Temperature (
o C)
0
2
4
6
8
10
12
0
2
4
6
8
10
12
14
16
18
20
Q G , Total Gate Charge (nC)
I D =-4A
V DS =-10V
Rev.2.01 7/01/2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com