Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM4532M Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SSM4532M
Description  COMPLEMENTARY N AND P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM4532M Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SSM4532M Datasheet HTML 1Page - Silicon Standard Corp. SSM4532M Datasheet HTML 2Page - Silicon Standard Corp. SSM4532M Datasheet HTML 3Page - Silicon Standard Corp. SSM4532M Datasheet HTML 4Page - Silicon Standard Corp. SSM4532M Datasheet HTML 5Page - Silicon Standard Corp. SSM4532M Datasheet HTML 6Page - Silicon Standard Corp. SSM4532M Datasheet HTML 7Page - Silicon Standard Corp. SSM4532M Datasheet HTML 8Page - Silicon Standard Corp. SSM4532M Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.SiliconStandard.com
1 of 11
SSM4532M
COMPLEMENTARY N AND P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
Simple drive requirement
N-ch
BV DSS
+30V
Low on-resistance
R DS(ON)
50m
Ω
Fast switching
ID
+5A
P-ch
BV DSS
-30V
RDS(ON)
70m
Ω
Description
ID
-4A
Absolute Maximum Ratings
Symbol
Parameter
Rating
Units
N-channel
P-channel
VDS
Drain-Source Voltage
+30
-30
V
VGS
Gate-Source Voltag
±20
±20
V
I D @ TA=25°C
Continuous Drain Current
3
+5
-4
A
I D @ TA=70°C
Continuous Drain Current
3
+4
-3.2
A
I DM
Pulsed Drain Current
1,4
+20
-20
A
PD @ TA=25°C
Total Power Dissipation
2.0
W
Linear Derating Factor
0.016
W/°C
TSTG
Storage Temperature Range
-55 to 150
°C
TJ
Operating Junction Temperature Range
-55 to 150
°C
Symbol
Value
Unit
Rthj-amb
Thermal Resistance Junction-ambient
Max.
62.5
°C/W
Parameter
Thermal Data
MOSFETs from Silicon Standard Corp. provide the
designer with the best combination of fast switching,
ruggedized device design, low on-resistance and cost-
effectiveness.
The SO-8 package is widely preferred for commercial and
industrial surface mount applications and is well suited for
low-voltage applications such as DC/DC converters.
G2
D2
S2
G1
D1
S1
S1
G1
S2
G2
D1
D1
D2
D2
SO-8
Rev.2.01 7/01/2004


Similar Part No. - SSM4532M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSM4532M ETC1-SSM4532M Datasheet
199Kb / 11P
COMPLEMENTARY N AND P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
More results

Similar Description - SSM4532M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSM4532M ETC1-SSM4532M Datasheet
199Kb / 11P
COMPLEMENTARY N AND P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
logo
Silicon Standard Corp.
SSM4507M SSC-SSM4507M Datasheet
343Kb / 7P
COMPLEMENTARY N AND P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
SSM4513M SSC-SSM4513M Datasheet
342Kb / 8P
N AND P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
SSM4565M SSC-SSM4565M Datasheet
452Kb / 8P
COMPLEMENTARY N- AND P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
SSM4575M SSC-SSM4575M Datasheet
320Kb / 7P
COMPLEMENTARY N AND P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
logo
Central Semiconductor C...
CMLDM7484 CENTRAL-CMLDM7484 Datasheet
593Kb / 2P
N-CHANNEL AND P-CHANNEL ENHANCEMENT-MODE COMPLEMENTARY MOSFETS
CMRDM3575 CENTRAL-CMRDM3575 Datasheet
420Kb / 2P
N-CHANNEL AND P-CHANNEL ENHANCEMENT-MODE COMPLEMENTARY SILICON MOSFETS
CMLDM3757 CENTRAL-CMLDM3757 Datasheet
595Kb / 2P
SURFACE MOUNT N-CHANNEL AND P-CHANNEL ENHANCEMENT-MODE COMPLEMENTARY MOSFETS
CMLDM7585 CENTRAL-CMLDM7585 Datasheet
594Kb / 2P
SURFACE MOUNT N-CHANNEL AND P-CHANNEL ENHANCEMENT-MODE COMPLEMENTARY MOSFETS
CMBDM3590 CENTRAL-CMBDM3590 Datasheet
334Kb / 3P
SURFACE MOUNT N-CHANNEL AND P-CHANNEL ENHANCEMENT-MODE COMPLEMENTARY MOSFETS
R0 9-March 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com