Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM28C040 Datasheet(PDF) 10 Page - Xicor Inc.

Part # XM28C040
Description  5 Volt, Byte Alterable E2PROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

XM28C040 Datasheet(HTML) 10 Page - Xicor Inc.

Back Button XM28C040 Datasheet HTML 6Page - Xicor Inc. XM28C040 Datasheet HTML 7Page - Xicor Inc. XM28C040 Datasheet HTML 8Page - Xicor Inc. XM28C040 Datasheet HTML 9Page - Xicor Inc. XM28C040 Datasheet HTML 10Page - Xicor Inc. XM28C040 Datasheet HTML 11Page - Xicor Inc. XM28C040 Datasheet HTML 12Page - Xicor Inc. XM28C040 Datasheet HTML 13Page - Xicor Inc. XM28C040 Datasheet HTML 14Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
XM28C040
10
ABSOLUTE MAXIMUM RATINGS*
Temperature under Bias .................. –65
°C to +135°C
Storage Temperature ....................... –65
°C to +150°C
Voltage on any Pin with
Respect to VSS ................................................ –1V to +7V
D.C. Output Current ............................................. 5mA
Lead Temperature
(Soldering, 10 seconds) .............................. 300
°C
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and the functional operation of
the device at these or any other conditions above those
indicated in the operational sections of this specification is
not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability.
D.C. OPERATING CHARACTERISTICS
XM28C040 TA = 0°C to +70°C, VCC = +5V ±10%, unless otherwise specified.
XM28C040I TA = –40°C to +85°C, VCC = +5V ±10%, unless otherwise specified.
XM28C040M TA = –55°C to +125°C, VCC = +5V ±10%, unless otherwise specified.
Limits
Symbol
Parameter
Min.
Max.
Units
Test Conditions
ICC
VCC Current (Active)
80
mA
CE = OE = VIL, WE = VIH,
(TTL Inputs)
All I/O’s = Open, 1 Device Active
Address Inputs = TTL Levels
@ f = 5MHz
ISB
VCC Current (Standby)
5
mA
CE, A17, A18 = VCC –0.3V
All other inputs = VIH
All I/Os = OPEN
ILI
Input Leakage Current
10
µAVIN = VSS to VCC
ILO
Output Leakage Current
10
µAVOUT = VSS to VCC, CE = VIH
VlL
Input LOW Voltage
–1
0.8
V
VIH
Input HIGH Voltage
2
VCC + 1
V
VOL
Output LOW Voltage
0.4
V
IOL = 2.1mA
VOH
Output HIGH Voltage
2.4
V
IOH = –400
µA
3873 PGM T02.2
POWER-UP TIMING
Symbol
Parameter
Typ.(1)
Units
tPUR(2)
Power-up to Initiation of Read Operation
100
ms
tPUW(2)
Power-up to Initiation of Write Operation
5
ms
3873 PGM T03
CAPACITANCE TA = +25°C, f = 1MHz, VCC = 5V
Symbol
Parameter
Max.
Units
Test Conditions
CI/O(2)
Input/Output Capacitance
50
pF
VI/O = 0V
CIN(2)
Input Capacitance
50
pF
VIN = 0V
3873 PGM T04.1
Notes: (1) Typical values are for TA = 25°C and nominal supply voltage.
(2) This parameter is periodically sampled and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com