Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM28C040 Datasheet(PDF) 11 Page - Xicor Inc.

Part # XM28C040
Description  5 Volt, Byte Alterable E2PROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

XM28C040 Datasheet(HTML) 11 Page - Xicor Inc.

Back Button XM28C040 Datasheet HTML 7Page - Xicor Inc. XM28C040 Datasheet HTML 8Page - Xicor Inc. XM28C040 Datasheet HTML 9Page - Xicor Inc. XM28C040 Datasheet HTML 10Page - Xicor Inc. XM28C040 Datasheet HTML 11Page - Xicor Inc. XM28C040 Datasheet HTML 12Page - Xicor Inc. XM28C040 Datasheet HTML 13Page - Xicor Inc. XM28C040 Datasheet HTML 14Page - Xicor Inc. XM28C040 Datasheet HTML 15Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
XM28C040
11
Note: (3)
tHZ and tOHZ are measured from the point when CE or OE return high (whichever occurs first) to the time when the outputs are
no longer driven.
3873 FHD F03
MODE SELECTION
CE
OE WE
Mode
I/O
Power
L
L
H
Read
DOUT
Active
L
H
L
Write
DIN
Active
H
X
X
Standby and Write Inhibit
High Z
Standby
X
L
X
Write Inhibit
—
—
X
X
H
Write Inhibit
—
—
3873 PGM T06
A.C. CHARACTERISTICS
XM28C040 TA = 0°C to +75°C, VCC = +5V ±10%, unless otherwise specified.
XM28C040I TA = –40°C to +85°C, VCC = +5V ±10%, unless otherwise specified.
XM28C040M TA = –55°C to +125°C, VCC = +5V ±10%, unless otherwise specified.
Read Cycle Limits
XM28C040-20
XM28C040-25
XM28C040
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Units
tRC
Read Cycle Time
200
250
300
ns
tCE
Chip Enable Access Time
200
250
300
ns
tAA
Address Access Time
200
250
300
ns
tOE
Output Enable Access Time
80
100
100
ns
tLZ(4)
CE Low to Active Output
0
0
0
ns
tOLZ(4) OE Low to Active Output
0
0
0
ns
tHZ(4)
CE High to High Z Output
100
100
100
ns
tOHZ(4) OE High to High Z Output
100
100
100
ns
tOH
Output Hold From Address Change
0
0
0
ns
3873 PGM T07
Read Cycle
tCE
tRC
ADDRESS
CE
OE
WE
DATA VALID
DATA VALID
tOE
tLZ
tOLZ
tOH
tAA
tHZ
tOHZ
DATA I/O
VIH
HIGH Z
A.C. CONDITIONS OF TEST
Input Pulse Levels
0V to 3V
Input Rise and
Fall Times
10ns
Input and Output
Timing Levels
1.5V
Output Load
1 TTL Gate and
CL = 100pF
3873 PGM T05.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com