Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM28C040 Datasheet(PDF) 7 Page - Xicor Inc.

Part # XM28C040
Description  5 Volt, Byte Alterable E2PROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

XM28C040 Datasheet(HTML) 7 Page - Xicor Inc.

Back Button XM28C040 Datasheet HTML 3Page - Xicor Inc. XM28C040 Datasheet HTML 4Page - Xicor Inc. XM28C040 Datasheet HTML 5Page - Xicor Inc. XM28C040 Datasheet HTML 6Page - Xicor Inc. XM28C040 Datasheet HTML 7Page - Xicor Inc. XM28C040 Datasheet HTML 8Page - Xicor Inc. XM28C040 Datasheet HTML 9Page - Xicor Inc. XM28C040 Datasheet HTML 10Page - Xicor Inc. XM28C040 Datasheet HTML 11Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
XM28C040
7
SOFTWARE DATA PROTECTION
Figure 6. Timing Sequence—Byte or Page Write
3873 FHD F14
Figure 7. Write Sequence for
Software Data Protection
Regardless of whether the device has previously been
protected or not, once the software data protected
algorithm is used and data has been written, the device
will automatically disable further writes unless another
command is issued to cancel it. If no further commands
are issued the device will be write protected during
power-down and after any subsequent power-up.
3873 FHD F15
WRITE LAST
BYTE TO
LAST ADDRESS
WRITE DATA 55
TO ADDRESS
2AAA
WRITE DATA A0
TO ADDRESS
5555
WRITE DATA XX
TO ANY
ADDRESS
AFTER tWC
RE-ENTERS DATA
PROTECTED STATE
WRITE DATA AA
TO ADDRESS
5555
BYTE/PAGE
LOAD ENABLED
CE
WE
(VCC)
WRITE
PROTECTED
VCC
0V
DATA
ADDR.
A0–A16*
AA
5555
55
2AAA
A0
5555
≤t
BLC MAX
WRITES
OK
BYTE
OR
PAGE
*A17 & A18 select one of four devices on the module.
tWC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com