Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCRB0807-181M Datasheet(PDF) 7 Page - Token Electronics Industry Co., Ltd.

Part # TCRB0807-181M
Description  TCRB Coil Choke Inductors Radial
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCRB0807-181M Datasheet(HTML) 7 Page - Token Electronics Industry Co., Ltd.

  TCRB0807-181M Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TCRB0807-181M Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TCRB0807-181M Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TCRB0807-181M Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TCRB0807-181M Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TCRB0807-181M Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TCRB0807-181M Datasheet HTML 7Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
07 of 07
Part Number: TCRB
How to Order
UL
TCRB
0605
Code
TUBE
V
UL
P
PVC
NONE
NO TUBE
TUBE
Inductance
Code
Inductance
1R0
1.00µH
100
10.00µH
101
100.00µH
102
1000.00µH
220
Tolerance
Code
Tolerance
J
5%
K
10%
L
15%
M
20%
N
30%
Y
min
Part Number
Inductance (µH)
Test Freq. (KHz)
DCR (Ω)(max)
IDC (A)(max)
TCRB0809 - 223M
22000.00
1
44.900
0.059
TCRB0809 - 273M
27000.00
1
55.700
0.052
TCRB0809 - 333M
33000.00
1
64.200
0.048
TCRB0809 - 393M
39000.00
1
74.200
0.042
TCRB0809 - 473M
47000.00
1
96.400
0.038
Note: Test Freq.: 1KHz / 0.25V.
Operating Temp.: -40°C ~ +85°C
Inductance drop = 10% typ. at IDC.
Continued from the preceding page.
220
Code
Size
0605
6.50×5.5mm
0606
6.50×6.50mm
0805
8.30×5.5mm
0807
8.30×7.50mm
0809
8.30×9.50mm
Size
Version 2010
TCRB Coil Choke Inductors Radial
http://www.token.com.tw/
rfq token.com.tw
TOKEN
Back to 1st Page - Coil Choke Inductors Radial (TCRB)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com