Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCRB0807-181M Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # TCRB0807-181M
Description  TCRB Coil Choke Inductors Radial
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCRB0807-181M Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  TCRB0807-181M Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TCRB0807-181M Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TCRB0807-181M Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TCRB0807-181M Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TCRB0807-181M Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TCRB0807-181M Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TCRB0807-181M Datasheet HTML 7Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
02 of 07
Configurations & Dimensions
TCRB0605) Electrical Characteristics
B
C
E
A
F
Type
ΦA(max)
B(max)
C ± 1.0
E ± 0.05
F ± 0.5
TCRB0605
6.5
5.5
4.0
0.50
4.0
TCRB0606
6.5
6.5
4.0
0.50
4.0
TCRB0805
8.3
5.5
5.0
0.65
5.0
TCRB0807
8.3
7.5
5.0
0.65
5.0
TCRB0809
8.3
9.5
5.0
0.65
5.0
Note: Design as Customer’s Requested Specifications.
Part Number
Inductance (µH)
Test Freq. (KHz)
DCR (Ω)(max)
IDC (A)(max)
TCRB0605 - 220M
22.00
1
0.180
0.90
TCRB0605 - 270M
27.00
1
0.210
0.81
TCRB0605 - 330M
33.00
1
0.270
0.74
TCRB0605 - 390M
39.00
1
0.290
0.68
TCRB0605 - 470M
47.00
1
0.340
0.62
TCRB0605 - 560M
56.00
1
0.420
0.57
TCRB0605 - 680M
68.00
1
0.480
0.51
TCRB0605 - 820M
82.00
1
0.550
0.47
TCRB0605 - 101M
100.00
1
0.680
0.42
TCRB0605 - 121M
120.00
1
0.770
0.39
TCRB0605 - 151M
150.00
1
0.950
0.35
TCRB0605 - 181M
180.00
1
1.150
0.32
TCRB0605 - 221M
220.00
1
1.300
0.29
TCRB0605 - 271M
270.00
1
1.550
0.26
TCRB0605 - 331M
330.00
1
2.180
0.23
TCRB0605 - 391M
390.00
1
2.470
0.21
TCRB0605 - 471M
470.00
1
2.920
0.20
TCRB0605 - 561M
560.00
1
3.970
0.18
TCRB0605 - 681M
680.00
1
4.570
0.16
TCRB0605 - 821M
820.00
1
5.280
0.15
TCRB0605 - 102M
1000.00
1
7.060
0.13
Note: Test Freq.: 1KHz / 0.25V.
Operating Temp.: -40°C ~ +85°C
Inductance drop = 10% typ. at IDC.
Version 2010
TCRB Coil Choke Inductors Radial
http://www.token.com.tw/
rfq token.com.tw
TOKEN



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com