Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCRB0807-181M Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # TCRB0807-181M
Description  TCRB Coil Choke Inductors Radial
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCRB0807-181M Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  TCRB0807-181M Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TCRB0807-181M Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TCRB0807-181M Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TCRB0807-181M Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TCRB0807-181M Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TCRB0807-181M Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TCRB0807-181M Datasheet HTML 7Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
01 of 07
Version 2010
Coil Choke Inductors
TCRB Coil Choke Inductors Radial
Radial Choke Coils with open magnetic circuit
construction design makes better TCR (TCRB)
Preview
Token TCRB series structure with open magnetic circuit construction design and protect by UL or PVC Heat-
shrinkable tube. The TCRB features with small size, space savings, low cost, wide inductance range, high Q
value, high availability of a large induced current, high self-resonance frequency, small magnetic flux leakage
and so on.
Choke coils, also known as: Choke, differential mode inductors, is used to limit the alternating current through
the coil, high-frequency and low frequency choke coils.
The TCRB is idael for broadband modems, game consoles, lighting equipment, notebook computers, inkjet
printers, photocopying machines, color TV, VCR, camera, microwave ovens, display monitors, mobile phones,
automotive electronics products.
Token will also produce devices outside these specifications to meet specific customer requirements, please
contact our sales for more information.
Features :
- Open magnetic circuit construction
- Low cost and high reliability
Applications :
- Video Camera, Video Tape Recorder,
- Notebook, Inkjet Printer, Copying Machine,
- Display Monitor, Cellular Phone, ADSL Modem,
- Microwave Oven, Lighting and Car Electronics.
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - TCRB0807-181M

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TCRB10145F TRANSKO-TCRB10145F Datasheet
764Kb / 3P
Power Inductor SMD (10.10 X 10.10 X 4.50 mm)
Rev 1: 05-07-2019
TCRB10145F-100M TRANSKO-TCRB10145F-100M Datasheet
764Kb / 3P
Power Inductor SMD (10.10 X 10.10 X 4.50 mm)
Rev 1: 05-07-2019
TCRB10145F-101M TRANSKO-TCRB10145F-101M Datasheet
764Kb / 3P
Power Inductor SMD (10.10 X 10.10 X 4.50 mm)
Rev 1: 05-07-2019
TCRB10145F-102M TRANSKO-TCRB10145F-102M Datasheet
764Kb / 3P
Power Inductor SMD (10.10 X 10.10 X 4.50 mm)
Rev 1: 05-07-2019
TCRB10145F-150M TRANSKO-TCRB10145F-150M Datasheet
764Kb / 3P
Power Inductor SMD (10.10 X 10.10 X 4.50 mm)
Rev 1: 05-07-2019
More results

Similar Description - TCRB0807-181M

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
18401 FRONTIER-18401 Datasheet
116Kb / 2P
Radial Leads Inductors (Choke Coil)
18402 FRONTIER-18402 Datasheet
116Kb / 2P
Radial Leads Inductors (Choke Coil)
18403 FRONTIER-18403 Datasheet
117Kb / 2P
Radial Leads Inductors (Choke Coil)
logo
Superworld Electronics
RCB0810 SUPERWORLD-RCB0810 Datasheet
601Kb / 4P
RADIAL CHOKE COIL
RCB1620 SUPERWORLD-RCB1620 Datasheet
596Kb / 4P
RADIAL CHOKE COIL
RCB1823 SUPERWORLD-RCB1823 Datasheet
596Kb / 4P
RADIAL CHOKE COIL
RCS1010 SUPERWORLD-RCS1010 Datasheet
455Kb / 4P
RADIAL CHOKE COIL
logo
Token Electronics Indus...
TCRC0406 TOKEN-TCRC0406 Datasheet
416Kb / 9P
TCRC Choke Coil Inductors Radial
TCRS0606 TOKEN-TCRS0606 Datasheet
404Kb / 4P
TCRS Choke Coil Inductors Radial
logo
Superworld Electronics
RCB0710470KZF SUPERWORLD-RCB0710470KZF_16 Datasheet
914Kb / 4P
RADIAL CHOKE COIL
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com