Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6601ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF6601ACPZ-R7
Description  750 MHz to 1160 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6601ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADRF6601ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADRF6601ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADRF6601ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADRF6601ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADRF6601ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADRF6601ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADRF6601ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF6601ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6601ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
750 MHz to 1160 MHz Rx Mixer with
Integrated Fractional-N PLL and VCO
ADRF6601
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthird
license is grant
Trademarksand
9106, U.S.A.
analog.com
s reserved.
partiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
ed by implication or otherwise under any patent or patent rights of Analog Devices.
registeredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-
Tel: 781.329.4700
www.
Fax: 781.461.3113
©2010 Analog Devices, Inc. All right
FEATURES
Rx mixer with integrated fractional-N PLL
RF input frequency range: 300 MHz to 2500 MHz
Internal LO frequency range: 750 MHz to 1160 MHz
Input P1dB: 14.2 dBm
Input IP3: 30.0 dBm
IIP3 optimization via external pin
SSB noise figure
IP3SET pin open: 13.0 dB
IP3SET pin at 3.3 V: 13.8 dB
Voltage conversion gain: 6.7 dB
Matched 200 Ω IF output impedance
IF 3 dB bandwidth: 500 MHz
Programmable via 3-wire SPI interface
40-lead, 6 mm × 6 mm LFCSP
APPLICATIONS
Cellular base stations
GENERAL DESCRIPTION
The ADRF6601 is a high dynamic range active mixer with an
integrated fractional-N phase-locked loop (PLL) and a voltage-
controlled oscillator (VCO) for internal mixer LO generation.
Along with the ADRF6602 and the ADRF6603, the ADRF6601
forms a family of integrated PLL/mixers. The ADRF6601 covers
the frequency range of 750 MHz to 1160 MHz.
The PLL reference input can support input frequencies from
12 MHz to 160 MHz. The PFD output controls a charge pump
whose output drives an off-chip loop filter.
The loop filter output is then applied to an integrated VCO. The
VCO output at 2 × fLO is applied to an LO divider, as well as to a
programmable PLL divider. The programmable PLL divider is
controlled by a Σ-Δ modulator (SDM). The modulus of the SDM
can be programmed from 1 to 2047.
The active mixer converts the single-ended 50 Ω RF input to
a 200 Ω differential IF output. The IF output can operate up
to 500 MHz.
The ADRF6601 is fabricated using an advanced silicon-germanium
BiCMOS process. It is available in a 40-lead, RoHS-compliant,
6 mm × 6 mm LFCSP with an exposed paddle. Performance is
specified over the −40°C to +85°C temperature range.
Table 1.
Part No.
Internal
LO Range
±3 dB RF Input
Balun Range
±1 dB RF Input
Balun Range
ADRF6601
750 MHz to
1160 MHz
300 MHz to
2500 MHz
450 MHz to
1600 MHz
ADRF6602
1550 MHz to
2150 MHz
1000 MHz to
3100 MHz
1350 MHz to
2750 MHz
ADRF6603
2100 MHz to
2600 MHz
1100 MHz to
3200 MHz
1450 MHz to
2850 MHz
FUNCTIONAL BLOCK DIAGRAM
VCC1
VCC2
VCC_LO
VCC_MIX
VCC_V2I
VCC_LO
NC NC
32
33
1
10
17
22
27
34
MUX
RSET
CP VTUNE
LODRV_EN
LON
LOP
IP3SET
2:1
MUX
VCO
CORE
RFIN
TEMP
SENSOR
DECLVCO
DECL2P5
DECL3P3
IFP
BUFFER
BUFFER
IFN
+
CHARGE PUMP
250µA,
500µA (DEFAULT),
750µA,
1000µA
PRESCALER
÷2
LE
CLK
SPI
INTERFACE
DATA
MUXOUT
3.3V
LDO
2.5V
LDO
VCO
LDO
ADRF6601
INTERNAL LO RANGE
750MHz TO 1160MHz
36
DIV
BY
4, 2, 1
2
37
9
38
PLL_EN
REF_IN
GND
19
18
39
3
5
4
8
6
14
13
12
16
7 11 15 20 21 23 24 25 28 30 31 35
40
FRACTION
REG
MODULUS INTEGER
REG
26
THIRD-ORDER
FRACTIONAL
INTERPOLATOR
29
PHASE
FREQUENCY
DETECTOR
N COUNTER
21 TO 123
×2
÷2
÷4
Figure 1.


Similar Part No. - ADRF6601ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF6601 AD-ADRF6601 Datasheet
834Kb / 32P
1200 MHz to 3600 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
1/14-Rev. A to Rev. B
More results

Similar Description - ADRF6601ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF6602 AD-ADRF6602 Datasheet
517Kb / 24P
1550 MHz to 2150 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
ADRF6603 AD-ADRF6603 Datasheet
504Kb / 24P
2100 MHz to 2600 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
ADRF6801 AD-ADRF6801 Datasheet
1Mb / 36P
750 MHz to 1150 MHz Quadrature Demodulator with Fractional-N PLL and VCO
REV. 0
logo
Hittite Microwave Corpo...
HMC830LP6GE HITTITE-HMC830LP6GE Datasheet
2Mb / 12P
FRACTIONAL-N PLL WITH INTEGRATED VCO 25 - 3000 MHz
HMC830LP6GE_1110 HITTITE-HMC830LP6GE_1110 Datasheet
1Mb / 12P
FRACTIONAL-N PLL WITH INTEGRATED VCO 25 - 3000 MHz
logo
Analog Devices
ADRF6755ACPZ AD-ADRF6755ACPZ Datasheet
2Mb / 48P
100 MHz to 2400 MHz I/Q Modulator with Integrated Fractional-N PLL and VCO
REV. B
ADRF6620 AD-ADRF6620 Datasheet
2Mb / 52P
700 MHz to 2700 MHz Rx Mixer with Integrated IF DGA, Fractional-N PLL, and VCO
REV. 0
ADRF6604 AD-ADRF6604 Datasheet
834Kb / 32P
1200 MHz to 3600 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
1/14-Rev. A to Rev. B
ADRF6750 AD-ADRF6750 Datasheet
1Mb / 40P
950 MHz to 1575 MHz Quadrature Modulator with Integrated Fractional-N PLL and VCO
4/10-Rev. 0 to Rev. A
ADRF6821 AD-ADRF6821 Datasheet
1Mb / 61P
450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
8/2018-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com