Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6601ACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADRF6601ACPZ-R7
Description  750 MHz to 1160 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6601ACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADRF6601ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6601ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6601ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADRF6601ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADRF6601ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADRF6601ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADRF6601ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADRF6601ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6601ACPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
ADRF6601
Rev. 0 | Page 17 of 24
APPLICATIONS INFORMATION
BASIC CONNECTIONS FOR OPERATION
Figure 21 shows the basic connections for the ADRF6601. The
six power supply pins should be individually decoupled using
100 pF and 0.1 μF capacitors located as close as possible to the
device. In addition, the internal decoupling nodes (DECL3P3,
DECL2P5, and DECLVCO) should be decoupled with the
capacitor values shown in Figure 21.
The RF input is internally ac-coupled and needs no external
bias. The IF outputs are open collector, and a bias inductor
is required from these outputs to VCC.
A peak-to-peak differential swing on RFIN of 1 V (0.353 V rms
for a sine wave input) results in an IF output power of 4.7 dBm.
The reference frequency for the PLL should be from 12 MHz
to 160 MHz and should be applied to the REF_IN pin, which
should be ac-coupled and terminated with a 50 Ω resistor, as
shown in Figure 21. The reference signal, or a divided-down
version of the reference signal, can be brought back off chip at
the multiplexer output pin (MUXOUT). A lock detect signal
and a voltage proportional to the ambient temperature can also
be selected on the multiplexer output pin.
The loop filter is connected between the CP and VTUNE pins.
When connected in this way, the internal VCO is operational.
For information about the loop filter components, see the
Evaluation Board Configuration Options section.
Operation with an external VCO is also possible. In this case,
the loop filter components should be referred to ground. The
output of the loop filter is connected to the input voltage pin of
the external VCO. The output of the VCO is brought back into
the device on the LOP and LON pins, using a balun if necessary.
R28
0Ω
(0402)
RFIN
MUX
RSET
CP
VTUNE
LODRV_EN
LON
LOP
2:1
MUX
VCO
CORE
TEMP
SENSOR
DECL2P5
DECL3P3
BUFFER
BUFFER
DECLVCO
IFN
IFP
2
14
5
3
IP3SET
RFIN
+
CHARGE PUMP
250µA,
500µA (DEFAULT),
750µA,
1000µA
PRESCALER
÷2
MUXOUT
REF_IN
ADRF6601
19
5
8
36
11
7
4
20
15
23
21
25
24
30
28
35
31
26
PHASE
FREQUENCY
DETECTOR
THIRD-ORDER
FRACTIONAL
INTERPOLATOR
FRACTION MODULUS INTEGER
REG
REG
N COUNTER
21 TO 123
×2
÷2
÷4
DIVIDER
÷2
SPI
INTERFACE
C43
10µF
(0603)
C14
22pF
(0603)
CP
TEST
POINT
(ORANGE)
C13
6.8pF
(0603)
C40
22pF
(0603)
VTUNE
C15
2.7nF
(1206)
C7
0.1µF
(0402)
VCC
RED
+5V
VCC
C2
OPEN
(0402)
C1
100pF
(0402)
R1
0Ω
(0402)
R38
0Ω
(0402)
R37
0Ω
(0402)
R2
OPEN
(0402)
R63
OPEN
(0402)
R65 10kΩ
(0402)
R9 10kΩ
(0402)
R12
0Ω
(0402)
R10
3.0kΩ
(0603)
R62
0Ω
(0402)
C42
10µF
(0603)
C17
0.1µF
(0402)
R11
OPEN
(0402)
RFOUT
C16
100pF
(0402)
R18
0Ω
(0402)
C41
OPEN
(0603)
C11
0.1µF
(0402)
C27
0.1µF
(0402)
C29
0.1µF
(0402)
C12
100pF
(0402)
R8
0Ω
(0402)
R16
0Ω
(0402)
C31
1nF
(0402)
1nF
(0402)
C6
R55
OPEN
(0402)
VCC1
RED
S1
OPEN
R56
0Ω
(0402)
C5
1nF
(0402)
R70
49.9Ω
(0402)
4
LO IN/OUT
3
51
T8
TC1-1-13+
REFIN
REFOUT
R20
0Ω
(0402)
R54
10kΩ
(0402)
R19
0Ω
(0402)
S2
R53
10kΩ
(0402)
R35
0Ω
(0402)
R30
0Ω
(0402)
R50
OPEN
(0402)
R57
0Ω
(0402)
R36
0Ω
(0402)
P1
9-PIN
DSUB
VCC_LO
VCC2
VCC1
27
13 12
C8
100pF
(0402)
R6
0Ω
(0402)
C25
0.1µF
(0402)
C24
100pF
(0402)
R26
0Ω
(0402)
C23
0.1µF
(0402)
C22
100pF
(0402)
R25
0Ω
(0402)
C20
0.1µF
(0402)
C21
100pF
(0402)
R24
0Ω
(0402)
C19
0.1µF
(0402)
C18
100pF
(0402)
R17
0Ω
(0402)
C9
0.1µF
(0402)
C10
100pF
(0402)
R7
0Ω
(0402)
2
4
6
135
7
C32
OPEN
(0402)
R51
OPEN
(0402)
C33
OPEN
(0402)
R52
OPEN
(0402)
C34
OPEN
(0402)
VCC_MIX
VCC_V2I
VCC_LO
14
16
2
9
38
37
34
22
17
10
1
89
DIV
BY
4, 2, 1
R27
0Ω
(0402)
R43
0Ω
(0402)
VCC
+5V
R59
0Ω
(0402)
29
18
40
39
3
6
Figure 21. Basic Connections for Operation of the ADRF6601



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com