Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6601ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADRF6601ACPZ-R7
Description  750 MHz to 1160 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6601ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADRF6601ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF6601ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6601ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6601ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6601ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6601ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADRF6601ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADRF6601ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADRF6601ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ADRF6601
Rev. 0 | Page 14 of 24
RESERVED
REGISTER 5—PLL ENABLE AND LO PATH CONTROL (DEFAULT: 0x0000E5)
RES
PLL
EN
LO
DIV1
LO
EXT
LO
DRV
DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8
DB7
0
DB6
DB5
DB4
DB3
DB2 DB1 DB0
CD3 CD2 CD1 CD0
PLEN
LDV1
LXL
LDRV C3(1) C2(0) C1(1)
LDRV
0
1
LXL
0
1
LDV1
0
1
DIVIDE BY 1
DIVIDE BY 2 (DEFAULT)
LO OUTPUT DRIVER
ENABLE
DRIVER OFF (DEFAULT)
DRIVER ON
PLEN
0
1
DISABLE
ENABLE (DEFAULT)
PLL ENABLE
EXTERNAL LO DRIVE
ENABLE (PIN 37, PIN 38)
INTERNAL LO OUTPUT (DEFAULT)
EXTERNAL LO INPUT
DIVIDE-BY-2 IN LO CHAIN ENABLE
CAP DAC
CONTROL BITS
CD3
CD2
CD1
CD0
00
00
11
11
MIN
MAX
CAPACITOR DAC
CONTROL FOR IIP3
OPTIMIZATION
00
0
0
0
000
000
0
VCO EN
VCO ENABLE
DISABLE
ENABLE (DEFAULT)
Figure 18. Register 5—PLL Enable and LO Path Control Register Map
REGISTER 6—VCO CONTROL AND VCO ENABLE (DEFAULT: 0x1E2106)
CHARGE
PUMP
ENABLE
3.3V
LDO
ENABLE
VCO
ENABLE
VCO
SWITCH
VCO
BW SW
CTRL
VBSRC
0
1
VCO LDO
ENABLE
VCO AMPLITUDE
RESERVED
VCO BAND SELECT FROM SPI
VBS[5:0] VCO BAND SELECT FROM SPI
0x00
DEFAULT 0x20
CHARGE PUMP ENABLE
0x01
….
0x00
0
….
….
0x18
24 (DEFAULT)
….
….
0x2B
43
….
….
0x3F
63 (RECOMMENDED)
0x3F
VCO BW CAL AND SW SOURCE CONTROL
BAND CAL (DEFAULT)
VCO SW
0
1
VCO SWITCH CONTROL FROM SPI
REGULAR (DEFAULT)
BAND CAL
SPI
DB22 DB21
DB20
DB19
DB18
DB17
DB16
DB15 DB14 DB13 DB12 DB11 DB10
DB9
DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
CONTROL BITS
DB23
CPEN
L3EN
VCO EN VCO SW VC5 VC4 VC3 VC2 VC1 VC0 VBSRC VBS5 VBS4 VBS3 VBS2 VBS1 VBS0 C3(1) C2(1) C1(0)
LVEN
VC[5:0] VCO AMPLITUDE
0
1
LVEN
VCO LDO ENABLE
DISABLE
0
ENABLE (DEFAULT)
1
L3EN 3.3V LDO ENABLE
DISABLE
ENABLE (DEFAULT)
0
1
CPEN
DISABLE
ENABLE (DEFAULT)
0
1
000
Figure 19. Register 6—VCO Control and VCO Enable Register Map
REGISTER 7—MIXER BIAS ENABLE AND EXTERNAL VCO ENABLE (DEFAULT: 0x000007)
DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
0XVCO
XVCO
RES
MBE
0
0
0
0
0
0
0
000
0
000
0
0
0
0
C3(1) C2(1) C1(1)
MIXER
B_EN
RESERVED
CONTROL BITS
MBE
0
MIXER BIAS ENABLE
DISABLE
1
XVCO
0
1
INTERNAL VCO (DEFAULT)
EXTERNAL VCO
ENABLE (DEFAULT)
EXTERNAL VCO
Figure 20. Register 7—Mixer Bias Enable and External VCO Enable Register Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com