Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X28VC256DM-90 Datasheet(PDF) 11 Page - Xicor Inc.

Part # X28VC256DM-90
Description  5 Volt, Byte Alterable E2PROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X28VC256DM-90 Datasheet(HTML) 11 Page - Xicor Inc.

Back Button X28VC256DM-90 Datasheet HTML 7Page - Xicor Inc. X28VC256DM-90 Datasheet HTML 8Page - Xicor Inc. X28VC256DM-90 Datasheet HTML 9Page - Xicor Inc. X28VC256DM-90 Datasheet HTML 10Page - Xicor Inc. X28VC256DM-90 Datasheet HTML 11Page - Xicor Inc. X28VC256DM-90 Datasheet HTML 12Page - Xicor Inc. X28VC256DM-90 Datasheet HTML 13Page - Xicor Inc. X28VC256DM-90 Datasheet HTML 14Page - Xicor Inc. X28VC256DM-90 Datasheet HTML 15Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
X28VC256
11
POWER-UP TIMING
Symbol
Parameter
Max.
Units
tPUR(3)
Power-Up to Read
100
µs
tPUW(3)
Power-Up to Write
5
ms
3869 PGM T05
CAPACITANCE TA = +25°C, f = 1MHZ, VCC = 5V.
Symbol
Test
Max.
Units
Conditions
CI/O(3)
Input/Output Capacitance
10
pF
VI/O = 0V
CIN(3)
Input Capacitance
6
pF
VIN = 0V
3869 PGM T06.1
ENDURANCE AND DATA RETENTION
Parameter
Min.
Max.
Units
Endurance
100,000
Cycles
Data Retention
100
Years
3869 PGM T07.3
MODE SELECTION
CE
OE
WE
Mode
I/O
Power
L
L
H
Read
DOUT
Active
L
H
L
Write
DIN
Active
H
X
X
Standby and Write Inhibit
High Z Standby
X
L
X
Write Inhibit
—
—
X
X
H
Write Inhibit
—
—
3869 PGM T09
A.C. CONDITIONS OF TEST
Input Pulse Levels
0V to 3V
Input Rise and
Fall Times
5ns
Input and Output
Timing Levels
1.5V
3869 PGM T08.1
EQUIVALENT A.C. LOAD CIRCUIT
SYMBOL TABLE
WAVEFORM
INPUTS
OUTPUTS
Must be
steady
Will be
steady
May change
from LOW
to HIGH
Will change
from LOW
to HIGH
May change
from HIGH
to LOW
Will change
from HIGH
to LOW
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance
Note:
(3) This parameter is periodically sampled and not 100%
tested.
3869 FHD F20.3
5V
1.92K
Ω
30pF
OUTPUT
1.37K
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com