Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X28VC256DM-90 Datasheet(PDF) 3 Page - Xicor Inc.

Part # X28VC256DM-90
Description  5 Volt, Byte Alterable E2PROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X28VC256DM-90 Datasheet(HTML) 3 Page - Xicor Inc.

  X28VC256DM-90 Datasheet HTML 1Page - Xicor Inc. X28VC256DM-90 Datasheet HTML 2Page - Xicor Inc. X28VC256DM-90 Datasheet HTML 3Page - Xicor Inc. X28VC256DM-90 Datasheet HTML 4Page - Xicor Inc. X28VC256DM-90 Datasheet HTML 5Page - Xicor Inc. X28VC256DM-90 Datasheet HTML 6Page - Xicor Inc. X28VC256DM-90 Datasheet HTML 7Page - Xicor Inc. X28VC256DM-90 Datasheet HTML 8Page - Xicor Inc. X28VC256DM-90 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
X28VC256
3
DEVICE OPERATION
Read
Read operations are initiated by both
OE and CE LOW.
The read operation is terminated by either
CE or OE
returning HIGH. This two line control architecture elimi-
nates bus contention in a system environment. The data
bus will be in a high impedance state when either
OE or
CE is HIGH.
Write
Write operations are initiated when both
CE and WE are
LOW and
OE is HIGH. The X28VC256 supports both a
CE and WE controlled write cycle. That is, the address
is latched by the falling edge of either
CE or WE,
whichever occurs last. Similarly, the data is latched
internally by the rising edge of either
CE or WE,
whichever occurs first. A byte write operation, once
initiated, will automatically continue to completion, typi-
cally within 3ms.
Page Write Operation
The page write feature of the X28VC256 allows the
entire memory to be written in typically 0.8 seconds.
Page write allows up to one hundred twenty-eight bytes
of data to be consecutively written to the X28VC256
prior to the commencement of the internal programming
cycle. The host can fetch data from another device
within the system during a page write operation (change
the source address), but the page address (A7 through
A14) for each subsequent valid write cycle to the part
during this operation must be the same as the initial
page address.
The page write mode can be initiated during any write
operation. Following the initial byte write cycle, the host
can write an additional one to one hundred twenty-
seven bytes in the same manner as the first byte was
written. Each successive byte load cycle, started by the
WE HIGH to LOW transition, must begin within 100
µs of
the falling edge of the preceding
WE. If a subsequent
WE HIGH to LOW transition is not detected within
100
µs, the internal automatic programming cycle will
commence. There is no page write window limitation.
Effectively the page write window is infinitely wide, so
long as the host continues to access the device within
the byte load cycle time of 100
µs.
Write Operation Status Bits
The X28VC256 provides the user two write operation
status bits. These can be used to optimize a system write
cycle time. The status bits are mapped onto the I/O bus as
shown in Figure 1.
Figure 1. Status Bit Assignment
3869 FHD F11
DATA Polling (I/O7)
The X28VC256 features
DATA Polling as a method to
indicate to the host system that the byte write or page
write cycle has completed.
DATA Polling allows a simple
bit test operation to determine the status of the
X28VC256, eliminating additional interrupt inputs or
external hardware. During the internal programming
cycle, any attempt to read the last byte written will
produce the complement of that data on I/O7 (i.e., write
data = 0xxx xxxx, read data = 1xxx xxxx). Once the
programming cycle is complete, I/O7 will reflect true
data.
Toggle Bit (I/O6)
The X28VC256 also provides another method for deter-
mining when the internal write cycle is complete. During
the internal programming cycle I/O6 will toggle from
HIGH to LOW and LOW to HIGH on subsequent at-
tempts to read the device. When the internal cycle is
complete the toggling will cease and the device will be
accessible for additional read and write operations.
5
TB
DP
43210
I/O
RESERVED
TOGGLE BIT
DATA POLLING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com