Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X28VC256DM-90 Datasheet(PDF) 12 Page - Xicor Inc.

Part # X28VC256DM-90
Description  5 Volt, Byte Alterable E2PROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X28VC256DM-90 Datasheet(HTML) 12 Page - Xicor Inc.

Back Button X28VC256DM-90 Datasheet HTML 8Page - Xicor Inc. X28VC256DM-90 Datasheet HTML 9Page - Xicor Inc. X28VC256DM-90 Datasheet HTML 10Page - Xicor Inc. X28VC256DM-90 Datasheet HTML 11Page - Xicor Inc. X28VC256DM-90 Datasheet HTML 12Page - Xicor Inc. X28VC256DM-90 Datasheet HTML 13Page - Xicor Inc. X28VC256DM-90 Datasheet HTML 14Page - Xicor Inc. X28VC256DM-90 Datasheet HTML 15Page - Xicor Inc. X28VC256DM-90 Datasheet HTML 16Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
X28VC256
12
A.C. CHARACTERISTICS (Over the recommended operating conditions, unless otherwise specified.)
Read Cycle Limits
X28VC256-45
X28VC256-55
X28VC256-70 X28VC256-90
–40
°C to 85°C –55°C to 125°C –55°C to 125°C –55°C to 125°C
Symbol
Parameter
Min. Max.
Min. Max.
Min. Max.
Min.
Max. Units
tRC
Read Cycle Time
45
55
70
90
ns
tCE
Chip Enable Access Time
45
55
70
90
ns
tAA
Address Access Time
45
55
70
90
ns
tOE
Output Enable Access Time
30
30
35
40
ns
tLZ (4)
CE LOW to Active Output
0
0
0
0
ns
tOLZ (4)
OE LOW to Active Output
0
0
0
0
ns
tHZ (4)
CE HIGH to High Z Output
30
30
35
40
ns
tOHZ (4)
OE HIGH to High Z Output
30
30
35
40
ns
tOH
Output Hold From Address Change
0
0
0
0
ns
3869 PGM T10.1
Read Cycle
3869 FHD F05
Notes: (4)
tLZ min., tHZ, tOLZ min. and tOHZ are periodically sampled and not 100% tested, tHZ and tOHZ are measured, with CL = 5pF,
from the point whin
CE, OE return HIGH (whichever occurs first) to the time when the outputs are no longer driven.
tCE
tRC
ADDRESS
CE
OE
WE
DATA VALID
DATA VALID
tOE
tLZ
tOLZ
tOH
tAA
tHZ
tOHZ
DATA I/O
VIH
HIGH Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com