Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVC32 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ALVC32
Description  Quad 2-input OR gate
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ALVC32 Datasheet(HTML) 2 Page - NXP Semiconductors

  74ALVC32 Datasheet HTML 1Page - NXP Semiconductors 74ALVC32 Datasheet HTML 2Page - NXP Semiconductors 74ALVC32 Datasheet HTML 3Page - NXP Semiconductors 74ALVC32 Datasheet HTML 4Page - NXP Semiconductors 74ALVC32 Datasheet HTML 5Page - NXP Semiconductors 74ALVC32 Datasheet HTML 6Page - NXP Semiconductors 74ALVC32 Datasheet HTML 7Page - NXP Semiconductors 74ALVC32 Datasheet HTML 8Page - NXP Semiconductors 74ALVC32 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
74ALVC32_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 10 December 2007
2 of 13
NXP Semiconductors
74ALVC32
Quad 2-input OR gate
4.
Functional diagram
5.
Pinning information
5.1 Pinning
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
mna242
1A
1B
1Y
2
1
3
2A
2B
2Y
5
4
6
3A
3B
3Y
10
9
8
4A
4B
4Y
13
12
11
mna243
3
≥1
≥1
≥1
≥1
2
1
6
5
4
8
10
9
11
13
12
Fig 3.
Logic diagram (one gate)
mna241
A
B
Y
(1) The die substrate is attached to this pad using
conductive die attach material. It can not be used as
a supply pin or input.
Fig 4.
Pin configuration SO14 and TSSOP14
Fig 5.
Pin configuration DHVQFN14
32
1A
VCC
1B
4B
1Y
4A
2A
4Y
2B
3B
2Y
3A
GND
3Y
001aad101
1
2
3
4
5
6
7
8
10
9
12
11
14
13
001aad102
32
Transparent top view
2Y
3A
2B
3B
2A
4Y
1Y
4A
4B
1B
GND(1)
6
9
5
10
4
11
3
12
2
13
terminal 1
index area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com