Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVC32 Datasheet (PDF) - NXP Semiconductors

74ALVC32 Datasheet PDF - NXP Semiconductors
Part # 74ALVC32
Download  74ALVC32 Download
File Size   88.31 Kbytes
Page   13 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Quad 2-input OR gate

74ALVC32 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ALVC32 Datasheet PDF - NXP Semiconductors

Part # 74ALVC32
Download  74ALVC32 Click to download

File Size   88.31 Kbytes
Page   13 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Quad 2-input OR gate

74ALVC32 Datasheet (HTML) - NXP Semiconductors


74ALVC32 Product details

General description
The 74ALVC32 is a quad 2-input OR gate.
Schmitt trigger action on all inputs makes the device tolerant of slow rise and fall times.

Features
■ Wide supply voltage range from 1.65 V to 3.6 V
■ 3.6 V tolerant inputs/outputs
■ CMOS low power consumption
■ Direct interface with TTL levels (2.7 V to 3.6 V)
■ Power-down mode
■ Latch-up performance exceeds 250 mA
■ Complies with JEDEC standards:
    ◆ JESD8-7 (1.65 V to 1.95 V)
    ◆ JESD8-5 (2.3 V to 2.7 V)
    ◆ JESD8B/JESD36 (2.7 V to 3.6 V)
■ ESD protection:
    ◆ HBM JESD22-A114E exceeds 2000 V
    ◆ MM JESD22-A115-A exceeds 200 V




Similar Part No. - 74ALVC32

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ALVC32 FAIRCHILD-74ALVC32 Datasheet
71Kb / 5P
Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs
74ALVC32 FAIRCHILD-74ALVC32 Datasheet
92Kb / 5P
Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs
logo
Nexperia B.V. All right...
74ALVC32 NEXPERIA-74ALVC32 Datasheet
232Kb / 12P
Quad 2-input OR gate
Rev. 5 - 30 April 2021
74ALVC32-Q100 NEXPERIA-74ALVC32-Q100 Datasheet
732Kb / 15P
Quad 2-input OR gate
74ALVC32BQ NEXPERIA-74ALVC32BQ Datasheet
232Kb / 12P
Quad 2-input OR gate
Rev. 5 - 30 April 2021
More results


Similar Description - 74ALVC32

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS32 MOTOROLA-SN54LS32 Datasheet
121Kb / 4P
QUAD 2-INPUT OR GATE
logo
ON Semiconductor
MC74AC32 ONSEMI-MC74AC32 Datasheet
138Kb / 9P
QUAD 2-INPUT OR GATE
October, 2006 ??Rev. 7
MC74HC32A ONSEMI-MC74HC32A Datasheet
129Kb / 8P
Quad 2-Input OR Gate
March, 2000 ??Rev. 7
logo
NXP Semiconductors
74ALS32 PHILIPS-74ALS32 Datasheet
97Kb / 8P
Quad 2-Input OR gate
1991 Feb 08
logo
STMicroelectronics
74AC32 STMICROELECTRONICS-74AC32 Datasheet
70Kb / 8P
QUAD 2-INPUT OR GATE
Apr-2001
74LVQ32 STMICROELECTRONICS-74LVQ32 Datasheet
56Kb / 8P
QUAD 2-INPUT OR GATE
Feb-1999
logo
Toshiba Semiconductor
TC4071BP TOSHIBA-TC4071BP Datasheet
181Kb / 5P
QUAD 2 INPUT OR GATE
logo
Fairchild Semiconductor
DM74AS32 FAIRCHILD-DM74AS32 Datasheet
60Kb / 5P
Quad 2-Input OR Gate
DM74S32 FAIRCHILD-DM74S32 Datasheet
33Kb / 3P
Quad 2-Input OR Gate
MM74HCT32 FAIRCHILD-MM74HCT32_05 Datasheet
83Kb / 7P
Quad 2-Input OR Gate
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com