Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVC32 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74ALVC32
Description  Quad 2-input OR gate
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ALVC32 Datasheet(HTML) 5 Page - NXP Semiconductors

  74ALVC32 Datasheet HTML 1Page - NXP Semiconductors 74ALVC32 Datasheet HTML 2Page - NXP Semiconductors 74ALVC32 Datasheet HTML 3Page - NXP Semiconductors 74ALVC32 Datasheet HTML 4Page - NXP Semiconductors 74ALVC32 Datasheet HTML 5Page - NXP Semiconductors 74ALVC32 Datasheet HTML 6Page - NXP Semiconductors 74ALVC32 Datasheet HTML 7Page - NXP Semiconductors 74ALVC32 Datasheet HTML 8Page - NXP Semiconductors 74ALVC32 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
74ALVC32_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 10 December 2007
5 of 13
NXP Semiconductors
74ALVC32
Quad 2-input OR gate
[1]
All typical values are measured at VCC = 3.3 V (unless stated otherwise) and Tamb =25 °C.
10. Dynamic characteristics
[1]
Typical values are measured at Tamb =25 °C
[2]
tpd is the same as tPHL and tPLH.
[3]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz; fo = output frequency in MHz
CL = output load capacitance in pF
VCC = supply voltage in Volts
N = number of inputs switching
Σ(C
L × VCC
2
× f
o) = sum of the outputs
ICC
supply current
VCC = 3.6 V; VI =VCC or GND;
IO =0A
-
0.2
10
µA
∆ICC
additional supply current
per input pin; VCC = 3.0 V to 3.6 V;
VI =VCC − 0.6 V; IO =0A
-
5
750
µA
CI
input capacitance
-
3.5
-
pF
Table 6.
Static characteristics …continued
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
−40 °C to +85 °C
Unit
Min
Typ[1]
Max
Table 7.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Figure 7.
Symbol
Parameter
Conditions
−40 °C to +85 °C
Unit
Min
Typ[1]
Max
tpd
propagation delay
CP to Qn; see Figure 6
[2]
VCC = 1.65 V to 1.95 V
1.0
2.8
4.7
ns
VCC = 2.3 V to 2.7 V
1.0
2.0
3.1
ns
VCC = 2.7 V
1.0
2.2
2.9
ns
VCC = 3.0 V to 3.6 V
1.0
2.0
2.8
ns
CPD
power dissipation
capacitance
per gate; VI = GND to VCC; VCC = 3.3 V
[3]
-25-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com