Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL1821 Datasheet(PDF) 1 Page - Micronas

Part # HAL1821
Description  Linear Hall-Effect Sensor Family
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL1821 Datasheet(HTML) 1 Page - Micronas

  HAL1821 Datasheet HTML 1Page - Micronas HAL1821 Datasheet HTML 2Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HAL 1821/1822/1823
July/2009
PRODUCT INFORMATION
HAL
®
1821/1822/1823
Linear Hall-Effect Sensor Family
The HAL 1821/1822/1823 are new mem-
bers of the linear Hall-effect sensor family
HAL 182x, offering excellent performance/
price trade-off. They are universal magnetic
field sensors with a ratiometric, linear ana-
log output. The members of the sensor fam-
ily can be used for magnetic field measure-
ments,
current
measurements
and
detection of any mechanical movement.
Very accurate angle measurements or dis-
tance measurements can also be carried
out. The sensors are very robust and can
be used in harsh electrical and mechanical
environments.
The output voltage is proportional to the
magnetic flux density through the Hall plate.
The choppered offset compensation leads
to stable magnetic characteristics over sup-
ply voltage and temperature.
The different family members vary by
sensitivity (25 mV/mT, 31.25 mV/mT and
50 mV/mT). The quiescent output voltage
(offset) for all family members is 50% of the
supply voltage.
The sensors are designed for industrial and
automotive applications and operate in the
junction temperature range from –40 °C up
to 170 °C.
They are available in the very small leaded
package TO92UA and in the small SMD
package SOT89B.
Features
V Linear Hall-effect sensor with ratiometric
analog output
V Temperature and stress stable quiescent
output voltage
V Very accurate sensitivity and offset
V Customized versions possible
V On-chip temperature compensation
V Active offset compensation
V Operates from –40 °C up to 170 °C junc-
tion temperature
V Operates from 4.5 V up to 5.5 V supply
voltage
V Operates with static magnetic fields and
dynamic magnetic fields up to 1 kHz
V Overvoltage and reverse-voltage protec-
tion on VDD pin
V Magnetic characteristics are extremely
robust against mechanical stress.
V Short-circuit protected push-pull output
V EMC and ESD optimized design
Major Applications
V Due to the sensor’s versatile program-
ming characteristics and its high accu-
racy, the HAL 1821/1822/1823 is the
optimal system solution for applications
such as:
– Linear position measurements
– Angle sensors
– Distance measurements
– Current measurements
– Magnetic field measurements
Family Overview
Type
Offset
Sensitivity
1821
50% of VDD
50 mV/mT
1822
50% of VDD
31.25 mV/mT
1823
50% of VDD
25 mV/mT


Similar Part No. - HAL1821

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL1821UA-A MICRONAS-HAL1821UA-A Datasheet
263Kb / 14P
Linear Hall-Effect Sensor Family in SOT89B Package
HAL1821_1312 MICRONAS-HAL1821_1312 Datasheet
358Kb / 18P
Linear Hall-Effect Sensor Family in TO92UA Package
More results

Similar Description - HAL1821

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HAL506 ETC-HAL506 Datasheet
315Kb / 44P
Hall Effect Sensor Family
logo
Micronas
HAL11X MICRONAS-HAL11X Datasheet
147Kb / 17P
Hall Effect Sensor Family
HAL2XY MICRONAS-HAL2XY Datasheet
1Mb / 17P
Hall-Effect Sensor Family
HAL54X MICRONAS-HAL54X Datasheet
1Mb / 28P
Hall-Effect Sensor Family
HAL82X MICRONAS-HAL82X Datasheet
1Mb / 32P
High-Precision Programmable Linear Hall-Effect Sensor Family
HAL501 MICRONAS-HAL501 Datasheet
1Mb / 48P
Hall-Effect Sensor Family
HAL1820 MICRONAS-HAL1820 Datasheet
243Kb / 2P
Programmable Linear Hall-Effect Sensor Family
HAL1821UA-A MICRONAS-HAL1821UA-A Datasheet
263Kb / 14P
Linear Hall-Effect Sensor Family in SOT89B Package
HAL501_1004 MICRONAS-HAL501_1004 Datasheet
1Mb / 48P
Hall-Effect Sensor Family
HAL5XY MICRONAS-HAL5XY_V01 Datasheet
1Mb / 48P
Hall-Effect Sensor Family
Edition April 15, 2010
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com