Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL710 Datasheet(PDF) 1 Page - Micronas

Part # HAL710
Description  Hall-Effect Sensors with Direction Detection
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL710 Datasheet(HTML) 1 Page - Micronas

  HAL710 Datasheet HTML 1Page - Micronas HAL710 Datasheet HTML 2Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HAL 710/730
May/2007
PRODUCT INFORMATION
HAL
® 710/730
Hall-Effect Sensors with Direction Detection
PRODUCT INFORMATION
The HAL 710/730 Hall switch family is pro-
duced in CMOS technology. The sensors
include two independent temperature-com-
pensated Hall plates each equipped with
active offset compensation and a compara-
tor. The sensors provide two open-drain
outputs – one for “count” and one for “direc-
tion” detection.
The comparator compares the actual mag-
netic flux through the Hall plates (Hall volt-
age) with the fixed reference values (switch-
ing points). The first comparator directly
switches the count output. The phase shift
between both comparators determine the
state of the direction output.
The active offset compensation leads to
magnetic parameters which are robust
against mechanical stress effects. In addi-
tion, the magnetic characteristics are con-
stant over the full supply voltage and tem-
perature range.
The sensors are designed for industrial and
automotive applications and operate with
supply voltages from 3.8 V to 24 V in the
ambient temperature range from
−40 °C up
to 125
°C.
The HAL 710/730 family is available in the
SMD package SOT-89B-3.
Features
◆ Operates from 3.8 V to 24 V supply volt-
age
◆ Generation of a direction signal
◆ Operates with static magnetic fields and
dynamic magnetic fields up to 10 kHz
◆ Overvoltage protection at all pins
◆ Reverse-voltage protection at VDD pin
◆ Magnetic characteristics are robust
against mechanical stress effects
◆ Short-circuit protected open-drain out-
puts by thermal shut down
◆ Constant switching points over a wide
supply voltage and temperature range
◆ The decrease of magnetic flux density
caused by rising temperature in the sen-
sor system is compensated by a built-in
negative temperature coefficient of the
magnetic characteristics
◆ High temperature stability for automo-
tive or industrial applications
◆ High ESD rating
Major Applications
The HAL 710/730 is the optimal system
solution for applications, such as:
◆ Endposition detection
◆ RPM measurement of motors in various
applications, such as power window
◆ RPM measurements in flow meters
◆ Replacement of micro switches


Similar Part No. - HAL710

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HAL710 ETC-HAL710 Datasheet
165Kb / 12P
Hall-Effect Sensor with Direction Detection
logo
Micronas
HAL710 MICRONAS-HAL710 Datasheet
1,023Kb / 19P
Hall-Effect Sensors with Direction Detection
logo
List of Unclassifed Man...
HAL710SF-E ETC-HAL710SF-E Datasheet
165Kb / 12P
Hall-Effect Sensor with Direction Detection
logo
Micronas
HAL710SF-E MICRONAS-HAL710SF-E Datasheet
1,023Kb / 19P
Hall-Effect Sensors with Direction Detection
logo
List of Unclassifed Man...
HAL710SF-K ETC-HAL710SF-K Datasheet
165Kb / 12P
Hall-Effect Sensor with Direction Detection
More results

Similar Description - HAL710

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3421 ALLEGRO-3421 Datasheet
160Kb / 12P
HALL-EFFECT, DIRECTION-DETECTION SENSORS
September 6, 2000
logo
List of Unclassifed Man...
HAL710 ETC-HAL710 Datasheet
165Kb / 12P
Hall-Effect Sensor with Direction Detection
logo
Allegro MicroSystems
3422 ALLEGRO-3422 Datasheet
575Kb / 10P
HALL-EFFECT, DIRECTION-DETECTION SENSORS
logo
Micronas
HAL710 MICRONAS-HAL710_1 Datasheet
1,023Kb / 19P
Hall-Effect Sensors with Direction Detection
logo
Infineon Technologies A...
TLE4966K INFINEON-TLE4966K Datasheet
871Kb / 16P
High Precision Hall-Effect Switch with Direction Detection
Rev. 1.0, Sep 2007
TLE4966L INFINEON-TLE4966L_09 Datasheet
854Kb / 16P
High Precision Hall-Effect Switch with Direction Detection
V 2.0, Feb 2009
logo
Allegro MicroSystems
A3422 ALLEGRO-A3422 Datasheet
1Mb / 11P
Hall Effect Direction Detection Sensor IC
logo
Melexis Microelectronic...
MLX92251LSE-AXA MELEXIS-MLX92251LSE-AXA Datasheet
1Mb / 13P
Dual Hall Effect Latch with Speed & Direction Detection
logo
Infineon Technologies A...
TLI4966G INFINEON-TLI4966G Datasheet
1Mb / 17P
High Precision Hall-Effect Switch with Direction Detection
Rev 1.0, October 2019
TLE4966G INFINEON-TLE4966G Datasheet
1Mb / 17P
High Precision Hall-Effect Switch with Direction Detection
Rev. 1.01, October 2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com