Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL856UT-K Datasheet(PDF) 39 Page - Micronas

Part # HAL856UT-K
Description  Programmable Linear Hall-Effect Sensor with Arbitrary Output Characteristic (2-Wire)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL856UT-K Datasheet(HTML) 39 Page - Micronas

Back Button HAL856UT-K Datasheet HTML 34Page - Micronas HAL856UT-K Datasheet HTML 35Page - Micronas HAL856UT-K Datasheet HTML 36Page - Micronas HAL856UT-K Datasheet HTML 37Page - Micronas HAL856UT-K Datasheet HTML 38Page - Micronas HAL856UT-K Datasheet HTML 39Page - Micronas HAL856UT-K Datasheet HTML 40Page - Micronas HAL856UT-K Datasheet HTML 41Page - Micronas HAL856UT-K Datasheet HTML 42Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
DATA SHEET
HAL856
Micronas
March 23, 2010; DSH000142_002EN
39
5.4. Number Formats
Binary number:
The most significant bit is given as first, the least sig-
nificant bit as last digit.
Example: 101001 represents 41 decimal.
Signed binary number:
The first digit represents the sign of the following
binary number (1 for negative, 0 for positive sign).
Example:
0101001 represents +41 decimal
1101001 represents
−41 decimal
Two’s-complementary number:
The first digit of positive numbers is “0”, the rest of the
number is a binary number. Negative numbers start
with “1”. In order to calculate the absolute value of the
number, calculate the complement of the remaining
digits and add “1”.
Example:
0101001 represents +41 decimal
1010111 represents
−41 decimal
5.5. Register Information
CURRENTSOURCE
– The register range is from 0 to 1023 and contains
the settings for LOW CURRENT, HIGH CURRENT,
and SLEW RATE:
PARTNUMBER
– The register range is from 0 up to 2047.
SHIFT
– The register range is from
−1024 up to 1023.
– The register value is calculated by:
SLOPE
– The register range is from
−8192 up to 8191.
– The register value is calculated by:
TC and TCSQ
– The TC register range is from
−31 up to 31.
– The TCSQ register range is from 0 up to 31.
Note: The word length TC register is 7 bit. The 6 LSBs
represent a signed binary number. The MSB
has to be ignored.
MODE
– The register range is from 0 up to 16383 and con-
tains the settings for PERIOD, FORMAT, FILTER,
and RANGE:
Please refer to the data sheet for the available
PERIOD, FORMAT, FILTER, and RANGE values.
DIGITAL-READOUT
– This register is read only.
– The register range is from 0 up to 4095.
OFFSET CORRECTION
– The register range is from 0 to 31
– The MSB is set to activate the offset correction.
CURRENTSOURCE
SLEW RATE
128
LOW CURRENT
+
8
HIGH CURR ENT
+
×
×
=
SHIFT
Shift
100%
 1024
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com