Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL856UT-K Datasheet(PDF) 13 Page - Micronas

Part # HAL856UT-K
Description  Programmable Linear Hall-Effect Sensor with Arbitrary Output Characteristic (2-Wire)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL856UT-K Datasheet(HTML) 13 Page - Micronas

Back Button HAL856UT-K Datasheet HTML 9Page - Micronas HAL856UT-K Datasheet HTML 10Page - Micronas HAL856UT-K Datasheet HTML 11Page - Micronas HAL856UT-K Datasheet HTML 12Page - Micronas HAL856UT-K Datasheet HTML 13Page - Micronas HAL856UT-K Datasheet HTML 14Page - Micronas HAL856UT-K Datasheet HTML 15Page - Micronas HAL856UT-K Datasheet HTML 16Page - Micronas HAL856UT-K Datasheet HTML 17Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
DATA SHEET
HAL856
Micronas
March 23, 2010; DSH000142_002EN
13
Current Source
The CURRENTSOURCE register contains three “sub”-
registers: The 3 LSB contain the HIGH CURRENT set-
ting, the next 4 bits the LOW CURRENT setting of the
2-wire output. The two MSB are used for the SLEW
RATE register.
There are 12 combinations of high and low current lev-
els.
2.3. Calibration Procedure
2.3.1. General Procedure
For calibration in the system environment, the applica-
tion kit from Micronas is recommended. It contains the
hardware for the generation of the serial telegram for
programming (Programmer Board Version 5.1) and the
corresponding software (PC856) for the input of the
register values.
For the individual calibration of each sensor in the cus-
tomer application, a two-point adjustment is recom-
mended (see Fig. 2–6 on page 15 for an example).
The calibration shall be done as follows:
Step 1: Input of the registers which need not be
adjusted individually
The magnetic circuit, the magnetic material with its
temperature characteristics, the filter frequency, the
part number and the output format are given for this
application.
Therefore, the values of the following registers should
be identical for all sensors of the customer application.
–FILTER
(according to the maximum signal frequency)
–RANGE
(according to the maximum magnetic field at the
sensor position)
– TC and TCSQ
(depends on the material of the magnet and the
other temperature dependencies of the application)
– OUTPUT FORMAT
(according to the application requirements)
–OUTPUT PERIOD
(according to the application requirements)
–PARTNUMBER
(in case Biphase-M output format is used)
– LOW CURRENT
– HIGH CURRENT
– OFFSET CORRECTION
–SLEW RATE
Write the appropriate settings into the HAL856 regis-
ters.
Table 2–8: HIGH/LOW CURRENT register definition
Typ. Supply Current
HIGH
CURRENT
LOW
CURRENT
IDD,Low
IDD,High
Unit
6
13.5
mA
5
12
6
14
mA
4
12
6
14.5
mA
3
12
6
15
mA
2
12
6
15.5
mA
1
12
616
mA
0
12
713.5
mA
5
4
714
mA
4
4
714.5
mA
3
4
715
mA
2
4
715.5
mA
1
4
716
mA
0
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com