Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL856UT-K Datasheet(PDF) 21 Page - Micronas

Part # HAL856UT-K
Description  Programmable Linear Hall-Effect Sensor with Arbitrary Output Characteristic (2-Wire)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL856UT-K Datasheet(HTML) 21 Page - Micronas

Back Button HAL856UT-K Datasheet HTML 17Page - Micronas HAL856UT-K Datasheet HTML 18Page - Micronas HAL856UT-K Datasheet HTML 19Page - Micronas HAL856UT-K Datasheet HTML 20Page - Micronas HAL856UT-K Datasheet HTML 21Page - Micronas HAL856UT-K Datasheet HTML 22Page - Micronas HAL856UT-K Datasheet HTML 23Page - Micronas HAL856UT-K Datasheet HTML 24Page - Micronas HAL856UT-K Datasheet HTML 25Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
DATA SHEET
HAL856
Micronas
March 23, 2010; DSH000142_002EN
21
3.2. Dimensions of Sensitive Area
0.25 mm x 0.25 mm
3.3. Position of Sensitive Areas
3.4. Absolute Maximum Ratings
Stresses beyond those listed in the “Absolute Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only. Functional operation of the device at these conditions is not implied. Exposure to absolute
maximum rating conditions for extended periods will affect device reliability.
This device contains circuitry to protect the inputs and outputs against damage due to high static voltages or electric
fields; however, it is advised that normal precautions be taken to avoid application of any voltage higher than abso-
lute maximum-rated voltages to this high-impedance circuit.
All voltages listed are referenced to ground (GND).
TO92UT-1/-2
y
1.5 mm nominal
A4
0.3 mm nominal
Bd
0.3 mm
H1
min. 22.0 mm, max. 24.1 mm
Symbol
Parameter
Pin No.
Min.
Max.
Unit
VDD
Supply Voltage
1
−14.51)
18
V
−I
DD
Reverse Supply Current
1
−
502)
mA
IZ
Current through Protection Device
1
−502)
502)
mA
DATA
Communication Pin4)
3
−−
V
TJ
Junction Temperature Range
−40
−40
150
1703)
°C
NPROG
Number of Programming Cycles
−
100
1) t < 1 min.
2) as long as T
Jmax is not exceeded
3) t < 1000h
4) Must be connected to GND or remain floating at the latest after locking of the sensor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com