Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F86K22 Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC18F86K22
Description  64/80-Pin, High-Performance, 1-Mbit Enhanced Flash Microcontrollers with 12-Bit A/D and nanoWatt XLP Technology
PDF  548 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F86K22 Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC18F86K22 Datasheet HTML 17Page - Microchip Technology PIC18F86K22 Datasheet HTML 18Page - Microchip Technology PIC18F86K22 Datasheet HTML 19Page - Microchip Technology PIC18F86K22 Datasheet HTML 20Page - Microchip Technology PIC18F86K22 Datasheet HTML 21Page - Microchip Technology PIC18F86K22 Datasheet HTML 22Page - Microchip Technology PIC18F86K22 Datasheet HTML 23Page - Microchip Technology PIC18F86K22 Datasheet HTML 24Page - Microchip Technology PIC18F86K22 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 548 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS39960B-page 21
PIC18F87K22 FAMILY
PORTF is a bidirectional I/O port.
RF1/AN6/C2OUT/CTDIN
RF1
AN6
C2OUT
CTDIN
17
I/O
I
O
I
ST
Analog
—
ST
Digital I/O.
Analog Input 6.
Comparator 2 output.
CTMU pulse delay input.
RF2/AN7/C1OUT
RF2
AN7
C1OUT
16
I/O
I
O
ST
Analog
—
Digital I/O.
Analog Input 7.
Comparator 1 output.
RF3/AN8/C2INB/CTMUI
RF3
AN8
C2INB
CTMUI
15
I/O
I
I
O
ST
Analog
Analog
—
Digital I/O.
Analog Input 8.
Comparator 2 Input B.
CTMU pulse generator charger for the C2INB
comparator input.
RF4/AN9/C2INA
RF4
AN9
C2INA
14
I/O
I
I
ST
Analog
Analog
Digital I/O.
Analog Input 9.
Comparator 2 Input A.
RF5/AN10/CVREF/C1INB
RF5
AN10
CVREF
C1INB
13
I/O
I
O
I
ST
Analog
Analog
Analog
Digital I/O.
Analog Input 10.
Comparator reference voltage output.
Comparator 1 Input B.
RF6/AN11/C1INA
RF6
AN11
C1INA
12
I/O
I
I
ST
Analog
Analog
Digital I/O.
Analog Input 11.
Comparator 1 Input A.
RF7/AN5/SS1
RF7
AN5
SS1
11
I/O
O
I
ST
Analog
TTL
Digital I/O.
Analog Input 5.
SPI1 slave select input.
TABLE 1-3:
PIC18F6XK22 PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin Number Pin
Type
Buffer
Type
Description
QFN/TQFP
Legend: TTL = TTL compatible input
CMOS = CMOS compatible input or output
ST
= Schmitt Trigger input with CMOS levels
Analog = Analog input
I
= Input
O
= Output
P
= Power
OD
= Open-Drain (no P diode to VDD)
I2C = I2C™/SMBus
Note 1: Default assignment for ECCP2 when the CCP2MX Configuration bit is set.
2: Alternate assignment for ECCP2 when the CCP2MX Configuration bit is cleared.
3: Not available on PIC18F65K22 and PIC18F85K22 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com