Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F86K22 Datasheet(PDF) 79 Page - Microchip Technology

Part # PIC18F86K22
Description  64/80-Pin, High-Performance, 1-Mbit Enhanced Flash Microcontrollers with 12-Bit A/D and nanoWatt XLP Technology
PDF  548 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F86K22 Datasheet(HTML) 79 Page - Microchip Technology

Back Button PIC18F86K22 Datasheet HTML 75Page - Microchip Technology PIC18F86K22 Datasheet HTML 76Page - Microchip Technology PIC18F86K22 Datasheet HTML 77Page - Microchip Technology PIC18F86K22 Datasheet HTML 78Page - Microchip Technology PIC18F86K22 Datasheet HTML 79Page - Microchip Technology PIC18F86K22 Datasheet HTML 80Page - Microchip Technology PIC18F86K22 Datasheet HTML 81Page - Microchip Technology PIC18F86K22 Datasheet HTML 82Page - Microchip Technology PIC18F86K22 Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 548 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS39960B-page 79
PIC18F87K22 FAMILY
ECCP1AS
PIC18F6XK22 PIC18F8XK22
0000 0000
0000 0000
uuuu uuuu
ECCP1DEL
PIC18F6XK22 PIC18F8XK22
0000 0000
0000 0000
uuuu uuuu
CCPR1H
PIC18F6XK22 PIC18F8XK22
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCPR1L
PIC18F6XK22 PIC18F8XK22
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCP1CON
PIC18F6XK22 PIC18F8XK22
0000 0000
0000 0000
uuuu uuuu
PIR5
PIC18F65K22 PIC18F85K22
---0 -000
---0 -000
---u -uuu
PIR5
PIC18F66K22
PIC18F67K22
PIC18F86K22
PIC18F87K22
0000 0000
0000 0000
uuuu uuuu
PIE5
PIC18F65K22 PIC18F85K22
---0 0000
---0 0000
---u uuuu(1)
PIE5
PIC18F66K22
PIC18F67K22
PIC18F86K22
PIC18F87K22
0000 000
0000 0000
uuuu uuuu
(1)
IPR4
PIC18F65K22 PIC18F85K22
--11 1111
--11 1111
--uu uuuu
IPR4
PIC18F66K22
PIC18F67K22
PIC18F86K22
PIC18F87K22
1111 1111
1111 1111
uuuu uuuu
PIR4
PIC18F65K22 PIC18F85K22
--00 0000
--00 0000
--uu uuuu(1)
PIR4
PIC18F66K22
PIC18F67K22
PIC18F86K22
PIC18F87K22
0000 0000
0000 0000
uuuu uuuu
(1)
PIE4
PIC18F65K22 PIC18F85K22
--00 0000
--00 0000
--uu uuuu
PIE4
PIC18F66K22
PIC18F67K22
PIC18F86K22
PIC18F87K22
0000 0000
0000 0000
uuuu uuuu
CVRCON
PIC18F6XK22 PIC18F8XK22
0000 0000
0000 0000
uuuu uuuu
CMSTAT
PIC18F6XK22 PIC18F8XK22
111- ----
111- ----
uuu- ----
TMR3H
PIC18F6XK22 PIC18F8XK22
xxxx xxxx
uuuu uuuu
uuuu uuuu
TMR3L
PIC18F6XK22 PIC18F8XK22
xxxx xxxx
uuuu uuuu
uuuu uuuu
T3CON
PIC18F6XK22 PIC18F8XK22
0000 0000
0000 0x00
uuuu uuuu
T3GCON
PIC18F6XK22 PIC18F8XK22
0000 0x00
0000 0000
uuuu uuuu
SPBRG1
PIC18F6XK22 PIC18F8XK22
0000 0000
0000 0000
uuuu uuuu
RCREG1
PIC18F6XK22 PIC18F8XK22
0000 0000
0000 0000
uuuu uuuu
TXREG1
PIC18F6XK22 PIC18F8XK22
0000 0000
0000 0000
uuuu uuuu
TXSTA1
PIC18F6XK22 PIC18F8XK22
0000 0010
0000 0010
uuuu uuuu
RCSTA1
PIC18F6XK22 PIC18F8XK22
0000 000x
0000 000x
uuuu uuuu
T1GCON
PIC18F6XK22 PIC18F8XK22
0000 0x00
0000 0x00
uuuu -uuu
IPR6
PIC18F6XK22 PIC18F8XK22
---1 -111
---1 -111
---u -uuu
HLVDCON
PIC18F6XK22 PIC18F8XK22
0000 0101
0000 0101
uuuu uuuu
PSPCON
PIC18F6XK22 PIC18F8XK22
0000 ----
0000 ----
uuuu ----
PIR6
PIC18F6XK22 PIC18F8XK22
---0 -000
---0 -000
---u -uuu
TABLE 5-2:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets,
WDT Reset,
RESET
Instruction,
Stack Resets,
CM Resets
Wake-up via WDT
or Interrupt
Legend:
u
= unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the hardware
stack.
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt vector
(0008h or 0018h).
3:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
4:
See Table 5-1 for Reset value for specific condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com