Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F86K22 Datasheet(PDF) 13 Page - Microchip Technology

Part # PIC18F86K22
Description  64/80-Pin, High-Performance, 1-Mbit Enhanced Flash Microcontrollers with 12-Bit A/D and nanoWatt XLP Technology
PDF  548 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F86K22 Datasheet(HTML) 13 Page - Microchip Technology

Back Button PIC18F86K22 Datasheet HTML 9Page - Microchip Technology PIC18F86K22 Datasheet HTML 10Page - Microchip Technology PIC18F86K22 Datasheet HTML 11Page - Microchip Technology PIC18F86K22 Datasheet HTML 12Page - Microchip Technology PIC18F86K22 Datasheet HTML 13Page - Microchip Technology PIC18F86K22 Datasheet HTML 14Page - Microchip Technology PIC18F86K22 Datasheet HTML 15Page - Microchip Technology PIC18F86K22 Datasheet HTML 16Page - Microchip Technology PIC18F86K22 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 548 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS39960B-page 13
PIC18F87K22 FAMILY
FIGURE 1-1:
PIC18F6XK22 (64-PIN) BLOCK DIAGRAM
Instruction
Decode and
Control
PORTA
Data Latch
Data Memory
(2/4 Kbytes)
Address Latch
Data Address<12>
12
Access
BSR
FSR0
FSR1
FSR2
inc/dec
logic
Address
4
12
4
PCH
PCL
PCLATH
8
31-Level Stack
Program Counter
PRODL
PRODH
8 x 8 Multiply
8
BITOP
8
8
ALU<8>
Address Latch
Program Memory
Data Latch
20
8
8
Table Pointer<21>
inc/dec logic
21
8
Data Bus<8>
Table Latch
8
IR
12
3
PCLATU
PCU
Note 1:
See Table 1-3 for I/O port pin descriptions.
2:
RA6 and RA7 are only available as digital I/O in select oscillator modes. For more information, see Section 3.0 “Oscillator
Configurations”.
3:
Unimplemented on the PIC18F65K22.
EUSART1
Comparator
MSSP1/2
3/5/7(3)
2/4/6/8/10(3)/12(3)
CTMU
Timer1
ADC
12-Bit
W
Instruction Bus <16>
STKPTR
Bank
8
State Machine
Control Signals
Decode
8
8
EUSART2
ROM Latch
PORTC
PORTD
PORTE
PORTF
PORTG
RA0:RA7(1,2)
RC0:RC7(1)
RD0:RD7(1)
RE0: RE7(1)
RF1:RF7(1)
RG0:RG5(1)
PORTB
RB0:RB7(1)
OSC1/CLKI
OSC2/CLKO
VDD,
Timing
Generation
VSS
MCLR
Power-up
Timer
Oscillator
Start-up Timer
Power-on
Reset
Watchdog
Timer
BOR and
LVD
Precision
Reference
Band Gap
INTRC
Oscillator
Regulator
Voltage
VDDCORE/VCAP
ENVREG
16 MHz
Oscillator
Timer0
4/5/6/7/8/9(3)/10(3)
RTCC
Timer
Timer
1/2/3
CCP
ECCP
1/2/3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com