Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5461 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS5461
Description  Single Phase Bi-Directional Power/Energy IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5461 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS5461 Datasheet HTML 12Page - Cirrus Logic CS5461 Datasheet HTML 13Page - Cirrus Logic CS5461 Datasheet HTML 14Page - Cirrus Logic CS5461 Datasheet HTML 15Page - Cirrus Logic CS5461 Datasheet HTML 16Page - Cirrus Logic CS5461 Datasheet HTML 17Page - Cirrus Logic CS5461 Datasheet HTML 18Page - Cirrus Logic CS5461 Datasheet HTML 19Page - Cirrus Logic CS5461 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
CS5461
16
DS546F2
±
0.1%. This linearity is guaranteed for all four of
the available full-scale input voltage ranges.
Note that until the CS5461 is calibrated (see Cali-
bration) the accuracy of the CS5461 (with respect
to a reference line-voltage and line-current level on
the power mains) is not guaranteed to within
±
0.1%. But the linearity of any given sample of
CS5461, before calibration, will be within ±0.1%
of reading over the ranges specified, with respect to
the input voltage levels required to cause full-scale
readings in the Irms/Vrms Registers. Table 1 de-
scribes linearity + variation specs after the comple-
tion of each successive computation cycle.
The accuracy of the internal calculations can often
be improved by selecting a value for the Cy-
cle-Count Register that will cause the time duration
of one computation cycle to be equal (or very close
to) a whole-number of power-line cycles (and N
must be greater than or equal to 4000). For exam-
ple, with the cycle count set to 4200, the ±0.1% of
reading linearity range for measurement of a 60 Hz
sinusoidal current-sense voltage signal can be in-
creased beyond the range of 0.2% - 70.7%. The lin-
earity range can be increased because (4200
samples / 60 Hz) is a whole number of cycles (70).
4. FUNCTIONAL DESCRIPTION
4.1 Analog Inputs
The CS5461 has two available full-scale differen-
tial input voltage ranges on the current channel and
one full-scale differential input voltage range on
the voltage channel.
The input ranges are the maximum sinusoidal sig-
nals that can be applied to the current and voltage
channels, yet these values will not result in full
scale registration in the instantaneous current and
voltage registers.
If the current and voltage channels are set to
500 mVP-P, only a 250 mVRMS signal will register
full scale. Yet it would not be practical to inject a
sinusoidal signal with a value of 250 mVRMS.
When such a sine wave enters the higher levels of
its positive crest region (over each cycle), the volt-
age level of this signal exceeds the maximum dif-
ferential input voltage range of the input channels.
The largest sine wave voltage signal that can be
placed across the inputs, with no saturation is:
which is ~70.7% of full-scale. So for sinusoidal in-
puts at the full scale peak-to-peak level the full
scale registration is ~.707.
4.2 Voltage Reference
The CS5461 is specified for operation with a
+2.5 V reference between the VREFIN and VA-
pins. The converter includes an internal 2.5 V ref-
erence (60 ppm/°C drift) that can be used by con-
necting the VREFOUT pin to the VREFIN pin of
the device. If higher accuracy/stability is required,
an external reference can be used.
4.3 Oscillator Characteristics
XIN and XOUT are the input and output of an in-
verting amplifier to provide oscillation and can be
configured as an on-chip oscillator, as shown in
Figure 3. The oscillator circuit is designed to work
with a quartz crystal or a ceramic resonator. To re-
duce circuit cost, two load capacitors C1 and C2 are
integrated in the device. With these load capacitors,
the oscillator circuit is capable of oscillation up to
20 MHz. To drive the device from an external
clock source, XOUT should be left unconnected
while XIN is driven by the external circuitry. There
is an amplifier between XIN and the digital section
which provides CMOS level signals. This amplifier
works with sinusoidal inputs so there are no prob-
lems with slow edge times.
2
2
500mV
P-P
= ~176.78mV
RMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com