Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5461 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS5461
Description  Single Phase Bi-Directional Power/Energy IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5461 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS5461 Datasheet HTML 14Page - Cirrus Logic CS5461 Datasheet HTML 15Page - Cirrus Logic CS5461 Datasheet HTML 16Page - Cirrus Logic CS5461 Datasheet HTML 17Page - Cirrus Logic CS5461 Datasheet HTML 18Page - Cirrus Logic CS5461 Datasheet HTML 19Page - Cirrus Logic CS5461 Datasheet HTML 20Page - Cirrus Logic CS5461 Datasheet HTML 21Page - Cirrus Logic CS5461 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
CS5461
18
DS546F2
be set to the level that represents the absolute max-
imum instantaneous voltage level that needs to be
measured across the inputs (including the maxi-
mum over-range level that must be accurately mea-
sured). When performing AC gain calibration, an
AC reference signal should be applied that repre-
sents the desired maximum RMS level. A typical
sinusoidal calibration value which allows for rea-
sonable over-range margin would be 0.6 or 60% of
the voltage/current channel’s maximum input volt-
age level.
For both AC and DC offset calibrations, the “+”
and “-’ pins of the voltage/current channels should
be connected to their ground reference level. (See
Figure 5.)
If offset and gain calibration command bits are set,
only the offset calibration will be performed.
4.4.6 Description of Calibration Algo-
rithms
The computational flow of the CS5461’s AC and
DC gain/offset calibration sequences are illustrated
in Figure 6. This figure applies to both the voltage
channel and the current channel.
Note:
For proper AC calibration, the value of the
Voltage/Current Gain Registers must be set to default
(1.0) before running the gain calibration(s), and the
value in the AC Offset Registers must be set to default
(0) before running calibrations. This can be
accomplished by a software or hardware reset of the
device. The values in the voltage/current calibration
registers do affect the results of the calibration
sequences.
4.4.6.1 AC Offset Calibration Sequence
The AC offset calibration obtains an offset value
that reflects the RMS output level when the inputs
are grounded. During normal operation, this AC
offset register value will be subtracted from each
successive voltage/current sample in order to nulli-
fy the AC offset that may be inherent in the signal
path.
4.4.6.2 DC Offset Calibration Sequence
The DC Offset Registers hold the negative of the
simple average of N samples taken while the DC
offset calibration was executed. The inputs should
be grounded during DC offset calibration. The DC
offset value is added to the signal path to nullify the
DC offset in the system.
4.4.6.3 AC Gain Calibration Sequence
The AC gain calibration algorithm attempts to ad-
just the Gain Register value such that the calibra-
tion reference signal level presented at the voltage
inputs will result in a value of 0.6 in the RMS Volt-
age Register. The rms level of the calibration signal
must be determined by the user. During AC voltage
gain calibration, the value in the RMS Voltage
Register is divided into 0.6 and stored in the Volt-
age Gain Register.
Two examples of AC calibration and the resulting
shift in the digital output codes of the channel’s in-
stantaneous data registers are shown in Figures 7
and 8. Figure 8 shows that a positive (or negative)
DC level signal can be used even though an AC
gain calibration is being executed. However, an AC
signal cannot be used for DC gain calibration.
+
-
XGAIN
+
-
External
Connections
+
-
AIN+
AIN-
CM +-
Full Scale
(DC or AC)
Figure 4. System Calibration of Gain.
+
-
XGAIN
+
-
External
Connections
0V +-
AIN+
AIN-
CM +-
Figure 5. System Calibration of Offset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com