Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5461 Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS5461
Description  Single Phase Bi-Directional Power/Energy IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5461 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS5461 Datasheet HTML 35Page - Cirrus Logic CS5461 Datasheet HTML 36Page - Cirrus Logic CS5461 Datasheet HTML 37Page - Cirrus Logic CS5461 Datasheet HTML 38Page - Cirrus Logic CS5461 Datasheet HTML 39Page - Cirrus Logic CS5461 Datasheet HTML 40Page - Cirrus Logic CS5461 Datasheet HTML 41Page - Cirrus Logic CS5461 Datasheet HTML 42Page - Cirrus Logic CS5461 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
CS5461
DS546F2
39
7.16 VSAGDuration: Voltage Sag-Detect Duration Level
Address: 24
Default** = 0x000000
This Register sets the number of conversions over to accumulate RMS voltage for comparison against the VSA-
GLEVEL. Setting this register to zero will disable the VSAG feature.
7.17 Control Register
Register Address: 28
Default** = 0x000000
FAC
1 = enable anti-creep for FOUT pulse output function.
EAC
1 = enable anti-creep for EOUT pulse output function.
STOP
1 = used to terminate the new EEBOOT sequence.
MECH
1 = widens EOUT and EDIR pulses for mechanical counters.
INTOD
1 = Converts INT output to open drain configuration.
NOCPU
1 = saves power by disabling the CPUCLK external drive pin.
NOOSC
1 = saves power by disabling the crystal oscillator circuit.
STEP
1 = enables stepper-motor signals on the EOUT/EDIR pins.
MSB
LSB
223
222
221
220
219
218
217
216
.....
26
25
24
23
22
21
20
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
FAC
EAC
STOP
7
654
32
10
MECH
INTOD
NOCPU
NOOSC
STEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com