Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5529-ASZ Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS5529-ASZ
Description  16-bit, Programmable ?誇 ADC with 6-bit Latch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5529-ASZ Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS5529-ASZ Datasheet HTML 8Page - Cirrus Logic CS5529-ASZ Datasheet HTML 9Page - Cirrus Logic CS5529-ASZ Datasheet HTML 10Page - Cirrus Logic CS5529-ASZ Datasheet HTML 11Page - Cirrus Logic CS5529-ASZ Datasheet HTML 12Page - Cirrus Logic CS5529-ASZ Datasheet HTML 13Page - Cirrus Logic CS5529-ASZ Datasheet HTML 14Page - Cirrus Logic CS5529-ASZ Datasheet HTML 15Page - Cirrus Logic CS5529-ASZ Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
CS5529
12
DS246F5
Command Register Descriptions
Perform Single Conversion
This command instructs the ADC to perform a single conversion.
Perform Continuous Conversions
This command instructs the ADC to perform continuous conversions.
Power Save/Run
If PS/R = 0, normal run mode is entered. If PS/R = 1, power save mode is entered.
Null
This command is used to clear the port flag in the continuous conversion mode when the port flag bit in the configuration register
is set to logic 1.
7
654
32
10
1
100
00
00
7
654
32
10
1
010
00
00
7
654
32
10
1
000
00
0
PS/R
7
654
32
10
0
000
00
00
Table 1. Command Set
D7(MSB)
D6D5D4D3D2D1D0
CB
SC
CC
R/W
RSB2
RSB1
RSB0
PS/R
BIT
NAME
VALUE
FUNCTION
D7
Command Bit, CB
0
1
Null command (no operation). All command bits,
including CB must be 0.
Logic 1 for executable commands.
D6
Single Conversion, SC
0
1
Single Conversion not active.
Perform a conversion.
D5
Continuous Conversions,
CC
0
1
Continuous Conversions not active.
Perform conversions continuously.
D4
Read/Write, R/W
0
1
Write to selected register.
Read from selected register.
D3-D1
Register Select Bit, RSB2-
RSB0
000
001
010
011
100
101
110
111
Offset Register
Gain Register
Configuration Register
Conversion Data Register (read only)
Set-up Registers (Offset, Gain, Configuration)
Reserved
Reserved
Reserved
D0
Power Save/Run, PS/R
0
1
Run
Power Save



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com