Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5529-ASZ Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS5529-ASZ
Description  16-bit, Programmable ?誇 ADC with 6-bit Latch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5529-ASZ Datasheet(HTML) 4 Page - Cirrus Logic

  CS5529-ASZ Datasheet HTML 1Page - Cirrus Logic CS5529-ASZ Datasheet HTML 2Page - Cirrus Logic CS5529-ASZ Datasheet HTML 3Page - Cirrus Logic CS5529-ASZ Datasheet HTML 4Page - Cirrus Logic CS5529-ASZ Datasheet HTML 5Page - Cirrus Logic CS5529-ASZ Datasheet HTML 6Page - Cirrus Logic CS5529-ASZ Datasheet HTML 7Page - Cirrus Logic CS5529-ASZ Datasheet HTML 8Page - Cirrus Logic CS5529-ASZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
CS5529
4
DS246F5
CHARACTERISTICS & SPECIFICATIONS
ANALOG CHARACTERISTICS (T
A = 25 °C; VA± = ±2.5 V ±5%, VD+ = 5 V ±5%, VREF+ = 2.5 V,
VREF- = 0.0 V, FCLK = 32.768 kHz, OWR (Output Word Rate) = 15 Sps, Bipolar Mode, Input Range = ±2.5 V.)
(See Notes 1 and 2.)
Notes: 1. Applies after system calibration at any temperature within -40 °C ~ +85 °C.
2. Specifications guaranteed by design, characterization, and/or test.
3. Specification applies to the device only and does not include any effects by external parasitic
thermocouples.
4. Drift over specified temperature range after calibration at power-up at 25
°C.
5. Wideband noise aliased into the baseband. Referred to the input. Typical values shown for 25 °C.
6. For peak-to-peak noise multiply by 6.6 for all ranges and output rates.
Specifications are subject to change without notice.
Parameter
Min
Typ
Max
Unit
Accuracy
Linearity Error
-
±0.0015
±0.003
%FS
No Missing Codes
16
-
-
Bits
Bipolar Offset
(Note 3)
-
±1
±2
LSB16
Unipolar Offset
(Note 3)
-
±2
±4
LSB16
Offset Drift
(Notes 3 and 4)
-
11
-
nV/°C
Bipolar Gain Error
-
±8
±31
ppm
Unipolar Gain Error
-
±16
±63
ppm
Gain Drift
(Note 4)
-
1
-
ppm/°C
Noise (Notes 5 and 6)
Output Word Rate (Hz)
-3 dB Filter Frequency (Hz)
Noise (µV)
1.88
1.64
4.5
3.76
3.27
5.0
7.51
6.55
7.0
15.0
12.7
15
30.0
25.4
45
61.6
50.4
190
84.5
70.7
900
101.1
84.6
3000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com