Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5529-ASZ Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS5529-ASZ
Description  16-bit, Programmable ?誇 ADC with 6-bit Latch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5529-ASZ Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS5529-ASZ Datasheet HTML 21Page - Cirrus Logic CS5529-ASZ Datasheet HTML 22Page - Cirrus Logic CS5529-ASZ Datasheet HTML 23Page - Cirrus Logic CS5529-ASZ Datasheet HTML 24Page - Cirrus Logic CS5529-ASZ Datasheet HTML 25Page - Cirrus Logic CS5529-ASZ Datasheet HTML 26Page - Cirrus Logic CS5529-ASZ Datasheet HTML 27Page - Cirrus Logic CS5529-ASZ Datasheet HTML 28Page - Cirrus Logic CS5529-ASZ Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
CS5529
DS246F5
25
Getting Started
The CS5529 has many features. From a software
programmer’s perspective, what should be done
first? To begin, a 32.768 kHz crystal takes approx-
imately 500 ms to start-up. To accommodate for
this, it is recommended that a software delay of ap-
proximately 500 ms to 1 second precede the pro-
cessor’s ADC initialization code before any
registers are accessed in the ADC. This delay time
is dependent on the start-up delay of the clock
source. If a CMOS clock source with no start-up
delay is being used to drive the ADC, then this de-
lay is not necessary.
The converters include an on-chip power on reset
circuit to automatically reset the ADCs shortly af-
ter power up. When power to the CS5529 is ap-
plied, the chip is held in a reset condition until the
32.768 kHz oscillator has started and a counter-
timer elapses. The counter-timer counts 1002 oscil-
lator clock cycles to make sure the oscillator is ful-
ly stable. During this time-out period the serial port
logic is reset and the RV (Reset Valid) bit in the
configuration register is set to indicate that a valid
reset occurred. In normal start-up conditions, this
power-on-reset circuit should reset the chip when
power is applied. If your application may experi-
ence abnormal power start-up conditions, the fol-
lowing
sequence
of
instructions
should
be
performed to guarantee the converter begins proper
operation:
1) After power is applied, initialize the serial port
using the serial port synchronization sequence.
2) Write a ‘1’ to the reset bit (RS) of the configu-
ration register to reset the converter.
3) Read the configuration register to determine if
the reset valid bit (RV) is set to ‘1’. If the RV
bit is not set, the configuration register should
be read again.
4) When the RV bit has been set to ‘1’, reset the
RS bit back to ‘0’ by writing to 0x000000 to the
configuration register. Note that while the RS
bit is set to ‘1’ all other register bits in the ADC
will be reset to their default state, and the RS bit
must be set to ‘0’ for normal operation of the
converters.
Once the RS bit has been set to ‘0’, the ADC is
placed in the command state were it waits for a val-
id command to execute. The next step is to load the
configuration register. If you need to do a factory
calibration, perform offset and gain calibration
steps. Then off-load the offset and gain register
contents into EEPROM. These registers can then
be initialized to these conditions when the instru-
ment is used in normal operation. Once calibration
is ready, input the command to start conversions in
either single or continuous conversion mode. Mon-
itor the SDO pin for a flag that the data is ready and
read conversion data.
PCB Layout
The CS5529 should be placed entirely over an ana-
log ground plane with the DGND pin of the device
connected to the analog ground plane. If the design
splits the ground plane, place the analog-digital
plane split immediately adjacent to the digital por-
tion of the chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com