Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFG92A/X Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BFG92A/X
Description  NPN 5 GHz wideband transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BFG92A/X Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BFG92A/X Datasheet HTML 5Page - NXP Semiconductors BFG92A/X Datasheet HTML 6Page - NXP Semiconductors BFG92A/X Datasheet HTML 7Page - NXP Semiconductors BFG92A/X Datasheet HTML 8Page - NXP Semiconductors BFG92A/X Datasheet HTML 9Page - NXP Semiconductors BFG92A/X Datasheet HTML 10Page - NXP Semiconductors BFG92A/X Datasheet HTML 11Page - NXP Semiconductors BFG92A/X Datasheet HTML 12Page - NXP Semiconductors BFG92A/X Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
NXP Semiconductors
Product specification
NPN 5 GHz wideband transistor
BFG92A/X
SPICE parameters for BFR90A/X die
SEQUENCE No.
PARAMETER
VALUE
UNIT
1
IS
411.8
aA
2
BF
102.6
−
3
NF
997.2
m
4
VAF
62.67
V
5
IKF
3.200
A
6
ISE
4.010
fA
7
NE
1.577
−
8
BR
18.10
−
9
NR
996.2
m
10
VAR
3.369
V
11
IKR
1.281
A
12
ISC
279.9
aA
13
NC
1.075
−
14
RB
10.00
Ω
15
IRB
1.000
µA
16
RBM
10.00
Ω
17
RE
1.164
Ω
18
RC
2.320
Ω
19 (note 1)
XTB
0.000
−
20 (note 1)
EG
1.110
eV
21 (note 1)
XTI
3.000
−
22
CJE
890.5
fF
23
VJE
600.0
mV
24
MJE
258.5
m
25
TF
15.49
ps
26
XTF
39.14
−
27
VTF
2.152
V
28
ITF
213.7
mA
29
PTF
0.000
deg
30
CJC
546.5
fF
31
VJC
380.8
mV
32
MJC
202.9
m
33
XCJC
150.0
m
34
TR
5.618
ns
35 (note 1)
CJS
0.000
F
Note
1. These parameters have not been extracted,
the default values are shown.
List of components (see Fig.19)
36 (note 1)
VJS
750.0
mV
37 (note 1)
MJS
0.000
−
38
FC
850.0
m
DESIGNATION
VALUE
UNIT
Cbe
84
fF
Ccb
17
fF
Cce
191
fF
L1
0.12
nH
L2
0.21
nH
L3
0.06
nH
LB
0.95
nH
LE
0.40
nH
SEQUENCE No.
PARAMETER
VALUE
UNIT
Fig.19 Package equivalent circuit SOT143B.
QLB = 50; QLE = 50.
QLB,E (f) = QLB,E √ (f/fc).
fc = scaling frequency = 100 MHz.
handbook, halfpage
MBC964
B
E
C
B'
C'
E'
L B
L E
L3
L1
L2
C cb
Cbe
ce
C
10 of 13
Rev. 06 - 12 March 2008
10 of 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com