Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFG92A/X Datasheet(PDF) 13 Page - NXP Semiconductors

Part # BFG92A/X
Description  NPN 5 GHz wideband transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BFG92A/X Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button BFG92A/X Datasheet HTML 5Page - NXP Semiconductors BFG92A/X Datasheet HTML 6Page - NXP Semiconductors BFG92A/X Datasheet HTML 7Page - NXP Semiconductors BFG92A/X Datasheet HTML 8Page - NXP Semiconductors BFG92A/X Datasheet HTML 9Page - NXP Semiconductors BFG92A/X Datasheet HTML 10Page - NXP Semiconductors BFG92A/X Datasheet HTML 11Page - NXP Semiconductors BFG92A/X Datasheet HTML 12Page - NXP Semiconductors BFG92A/X Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
NXP Semiconductors
BFG92A/X
NPN 5 GHz wideband transistor
© NXP B.V. 2008.
All rights reserved.
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com
Date of release: 12 March 2008
Document identifier: BFG92AX_N_6
Please be aware that important notices concerning this document and the product(s)
described herein, have been included in section ‘Legal information’.
Revision history
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
BFG92AX_N_6
20080312
Product data sheet
-
BFG92AX_N_5
Modifications:
• Characteristics Table; DC current gain value changed
BFG92AX_N_5
20071126
Product data sheet
-
BFG92AX_4
BFG92AX_4
(9397 750 04344)
19980923
Product specification
-
BFG92SERIES_3
BFG92SERIES_3
19950912
Product specification
-
BFG92SERIES_2
BFG92SERIES_2
19921101
Product specification
-
BFG92_SERIES_1
BFG92_SERIES_1
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com