Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFG92A/X Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BFG92A/X
Description  NPN 5 GHz wideband transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BFG92A/X Datasheet(HTML) 1 Page - NXP Semiconductors

  BFG92A/X Datasheet HTML 1Page - NXP Semiconductors BFG92A/X Datasheet HTML 2Page - NXP Semiconductors BFG92A/X Datasheet HTML 3Page - NXP Semiconductors BFG92A/X Datasheet HTML 4Page - NXP Semiconductors BFG92A/X Datasheet HTML 5Page - NXP Semiconductors BFG92A/X Datasheet HTML 6Page - NXP Semiconductors BFG92A/X Datasheet HTML 7Page - NXP Semiconductors BFG92A/X Datasheet HTML 8Page - NXP Semiconductors BFG92A/X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
IMPORTANT NOTICE
Dear customer,
As from October 1st, 2006 Philips Semiconductors has a new trade name
- NXP Semiconductors, which will be used in future data sheets together with new contact
details.
In data sheets where the previous Philips references remain, please use the new links as
shown below.
http://www.philips.semiconductors.com use http://www.nxp.com
http://www.semiconductors.philips.com use http://www.nxp.com (Internet)
sales.addresses@www.semiconductors.philips.com use salesaddresses@nxp.com
(email)
The copyright notice at the bottom of each page (or elsewhere in the document,
depending on the version)
- © Koninklijke Philips Electronics N.V. (year). All rights reserved -
is replaced with:
- © NXP B.V. (year). All rights reserved. -
If you have any questions related to the data sheet, please contact our nearest sales
office via e-mail or phone (details via salesaddresses@nxp.com). Thank you for your
cooperation and understanding,
NXP Semiconductors
BFG92A/X
NPN 5 GHz wideband transistor
Rev. 06 — 12 March 2008
Product data sheet


Similar Part No. - BFG92A/X

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFG92A VISHAY-BFG92A Datasheet
37Kb / 4P
Silicon NPN Planar RF Transistor
11-Nov-99
logo
NXP Semiconductors
BFG92A-X NXP-BFG92A-X Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BFG92AX NXP-BFG92AX Datasheet
126Kb / 16P
NPN 5 GHz wideband transistor
1998 Sep 23
logo
Quanzhou Jinmei Electro...
BFG92AX JMNIC-BFG92AX_15 Datasheet
115Kb / 16P
NPN 5 GHz wideband transistor
BFG92AX_2015 JMNIC-BFG92AX_2015 Datasheet
115Kb / 16P
NPN 5 GHz wideband transistor
More results

Similar Description - BFG92A/X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFR92AT PHILIPS-BFR92AT Datasheet
90Kb / 16P
NPN 5 GHz wideband transistor
2000 Mar 28
BFR93AW PHILIPS-BFR93AW Datasheet
87Kb / 12P
NPN 5 GHz wideband transistor
1995 Sep 18
BFS25A PHILIPS-BFS25A Datasheet
126Kb / 11P
NPN 5 GHz wideband transistor
December 1997
BFT25A PHILIPS-BFT25A Datasheet
101Kb / 11P
NPN 5 GHz wideband transistor
December 1997
BFQ19 NXP-BFQ19 Datasheet
225Kb / 7P
NPN 5 GHz wideband transistor
Rev. 03-28 September 2007
logo
Quanzhou Jinmei Electro...
BFG97_2015 JMNIC-BFG97_2015 Datasheet
100Kb / 14P
NPN 5 GHz wideband transistor
logo
NXP Semiconductors
BFS25A_CNV PHILIPS-BFS25A_CNV_15 Datasheet
259Kb / 13P
NPN 5 GHz wideband transistor
December 1997
logo
Quanzhou Jinmei Electro...
BFR92A JMNIC-BFR92A_15 Datasheet
102Kb / 12P
NPN 5 GHz wideband transistor
BFR106 JMNIC-BFR106_15 Datasheet
58Kb / 8P
NPN 5 GHz wideband transistor
BFT25A JMNIC-BFT25A_15 Datasheet
100Kb / 14P
NPN 5 GHz wideband transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com