Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS35L00 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS35L00
Description  2.7 W Mono Class-D Audio Amplifier with Low Idle Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L00 Datasheet(HTML) 5 Page - Cirrus Logic

  CS35L00 Datasheet HTML 1Page - Cirrus Logic CS35L00 Datasheet HTML 2Page - Cirrus Logic CS35L00 Datasheet HTML 3Page - Cirrus Logic CS35L00 Datasheet HTML 4Page - Cirrus Logic CS35L00 Datasheet HTML 5Page - Cirrus Logic CS35L00 Datasheet HTML 6Page - Cirrus Logic CS35L00 Datasheet HTML 7Page - Cirrus Logic CS35L00 Datasheet HTML 8Page - Cirrus Logic CS35L00 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
CS35L00
DS906A2
5
1. PIN DESCRIPTIONS FOR CS35L00
Pin Name
#
Pin Description
SD
1
Shutdown
(Input) - Pulling this pin low places the CS35L00 in shutdown.
IN-
2
Negative Analog Input
(Input) - Differential negative audio signal input
LFILT+
3
Low Drop Out Regulator Filter
(Output) - Bypass capacitor connection point for internal LDO. Con-
necting this net to VBATT places the device into SD mode.
IN+
4
Positive Analog Input
(Input) - Differential positive audio signal input.
MODE
5
Switching Mode
(Input) - Controls the output switching modes of the CS35L00.
OUT-
6
Negative PWM Output
(Output) - Differential negative PWM output.
GAIN_SEL
7
Gain Select
(Input) - Sets the gain of the amplifier. When pulled low, gain is +12 dB. When pulled high,
gain is +6 dB.
VBATT
8
Positive Analog Power Supply
(Input) - Positive power supply input.
GND
9
Ground
(Input) - Power supply ground.
OUT+
10
Positive PWM Output
(Output) - Differential Positive PWM output.
Thermal Pad
-
Thermal Pad (Input)
- Thermal relief pad for optimized heat dissipation. Connect to GND. See “DFN
Thermal Pad” on page 31 for more information.
1
2
3
4
5
10
9
8
7
6
Thermal Pad
SD
IN-
LFILT+
IN+
MODE
OUT+
GND
VBATT
GAIN_SEL
OUT-
Figure 1. Top View of DFN Pin Out
(Looking down through package)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com