Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS35L00 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS35L00
Description  2.7 W Mono Class-D Audio Amplifier with Low Idle Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L00 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS35L00 Datasheet HTML 5Page - Cirrus Logic CS35L00 Datasheet HTML 6Page - Cirrus Logic CS35L00 Datasheet HTML 7Page - Cirrus Logic CS35L00 Datasheet HTML 8Page - Cirrus Logic CS35L00 Datasheet HTML 9Page - Cirrus Logic CS35L00 Datasheet HTML 10Page - Cirrus Logic CS35L00 Datasheet HTML 11Page - Cirrus Logic CS35L00 Datasheet HTML 12Page - Cirrus Logic CS35L00 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
CS35L00
DS906A2
9
ELECTRICAL CHARACTERISTICS - ALL OPERATIONAL MODES
Note:
6. No external loads should be connected to the LFILT+ net. Any connection of a load to this point may
result in errant operation or performance degradation in the device.
7. When VBATT is below this threshold (VBLIM), operation is automatically restricted to SD mode.
8. When operating in HD or FHD mode and the differential input voltage remains below the input level
threshold (VIN-LDO) for a period of time (tLDO), the PWM outputs will be powered by the internally
generated LDO supply (VLDO).
9. When operating in HD or FHD mode and the differential input voltage is above this input level
threshold (VIN-VBATT), the PWM outputs will powered directly from the VBATT supply.
10. Refer to Section 5.5 for more information on Thermal Error functionality.
Parameters
Symbol
Test Conditions
Min
Typ
Max Units
Max. Current from LFILT+
(Note 6)
ILFILT+
-10
-
A
LFILT+ Output Impedance
ZLFILT+
-0.7
-
VBATT Limit for HD/FHD Mode
(Note 7)
VBLIM
-3.0
-
VDC
Input Level for Entering LDO Operation in
HD/FHD Modes
(Note 8)
VIN-LDO
GAIN_SEL = Low (12 dB)
GAIN_SEL = High (6 dB)
-
-
0.014•VBATT
0.027•VBATT
-
-
Vrms
Vrms
Input Level for Entering VBATT Operation
in HD/FHD Modes
(Note 9)
VIN-VBATT
GAIN_SEL = Low (12 dB)
GAIN_SEL = High (6 dB)
-
-
0.09
0.18
-
-
Vrms
Vrms
LDO Entry Time Delay
tLDO
-
800
-
ms
LDO Level for HD/FHD Modes
VLDO
-
1.0
-
V
Output Offset Voltage
VOFFSET Inputs AC coupled to GND
-+/-2
-
mV
Amplifier Gain
AV
GAIN_SEL = Low
GAIN_SEL = High
-
-
12
6
-
-
dB
dB
Shutdown Supply Current
IA(SD)
SD = Low
-0.05
-
A
MOSFET On Resistance
RDS(ON) Ibias = 0.5 A
-
380
-
m
Thermal Error Threshold
(Note 10)
TTE
-
150
-
C
Thermal Error Retry Time
(Note 10)
RTE
-
100
-
ms
Under Voltage Lockout Threshold
UVLO
-
1.9
-
V
Total Group Delay
GD
-
10
-
s
Operating Efficiency
Output Levels at 10% THD+N
VBATT = 5 VDC
-
89
-
%
VBATT = 3.7 VDC
-
88
-
%
VBATT = 5 VDC
-
81
-
%
VBATT = 3.7 VDC
-
80
-
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com